Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO100HSTL11ATU Datasheet(PDF) 1 Page - Potato Semiconductor Corporation

Part # PO100HSTL11ATU
Description  1 to 2 Differential Clock/Data Fanout Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO100HSTL11ATU Datasheet(HTML) 1 Page - Potato Semiconductor Corporation

  PO100HSTL11ATU Datasheet HTML 1Page - Potato Semiconductor Corporation PO100HSTL11ATU Datasheet HTML 2Page - Potato Semiconductor Corporation PO100HSTL11ATU Datasheet HTML 3Page - Potato Semiconductor Corporation PO100HSTL11ATU Datasheet HTML 4Page - Potato Semiconductor Corporation PO100HSTL11ATU Datasheet HTML 5Page - Potato Semiconductor Corporation PO100HSTL11ATU Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright © Potato Semiconductor Corporation
2.4V -3.6V Differential inputs to HSTL outputs Clock Buffer
PO100HSTL11A
1 to 2 Differential Clock/Data Fanout Buffer
02/11/07
1
FEATURES:
Pin Configuration
Logic Block Diagram
Pin Description
DESCRIPTION:
Potato Semiconductor’s PO100HSTL11A is
designed for world top performance using
submicron CMOS technology to achieve 1.24GHz
HSTL output frequency with less than 2.0ns
propagation delay.
The PO100HSTL11A is a low-skew, 1-to-2
differential fanout buffer targeted to meet the
requirements of high-performance clock and data
distribution applications. The device has a fully
differential internal architecture that is optimized
to achieve low signal skews at operating frequen-
cies of up to 1.24GHz .
Vcc
D
D
D
GND
Q0
Q0
Q0
Q1
Q1
Q1
1
2
3
4
8
7
6
5
PIN
D, D
Q0, Q0, Q1, Q1
HSTL Outputs
FUNCTION
LVDS LVPECL HSTL Inputs
VCC
GND
Ground Supply
Positive Supply
Q0
Q1
D
• Patented Technology
• Two HSTL differential outputs
• One pair of LVDS/LVPECL/HSTL/ differential
or single-ended inputs
• Operating frequency up to 1.24GHz with 2pf load
• Operating frequency up to 900MHz with 5pf load
• Operating frequency up to 400MHz with 15pf load
• Very low output pin to pin skew < 40ps
• Propagation delay < 2.0ns max with 15pf load
• 2.4V to 3.6V power supply
• Industrial temperature range: –40°C to 85°C
• Available in 8-pin SOIC package
• Available in 8-pin TSSOP package


Similar Part No. - PO100HSTL11ATU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO100HSTL179A POTATO-PO100HSTL179A Datasheet
692Kb / 8P
   Differential LVDS/LVPECL/HSTL to LVTTL Translator LVTTL/LVCMOS to Differential HSTL Translator
PO100HSTL179A POTATO-PO100HSTL179A Datasheet
1Mb / 7P
   High Frequency Noise Canncellation Translator
PO100HSTL179ASR POTATO-PO100HSTL179ASR Datasheet
692Kb / 8P
   Differential LVDS/LVPECL/HSTL to LVTTL Translator LVTTL/LVCMOS to Differential HSTL Translator
PO100HSTL179ASU POTATO-PO100HSTL179ASU Datasheet
692Kb / 8P
   Differential LVDS/LVPECL/HSTL to LVTTL Translator LVTTL/LVCMOS to Differential HSTL Translator
PO100HSTL179A POTATO-PO100HSTL179A_14 Datasheet
1Mb / 7P
   High Frequency Noise Canncellation Translator
More results

Similar Description - PO100HSTL11ATU

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP314 CYPRESS-CY2DP314 Datasheet
213Kb / 9P
   1 of 2:4 Differential Clock/Data Fanout Buffer
CY2DP3110 CYPRESS-CY2DP3110 Datasheet
279Kb / 9P
   1 of 2:10 Differential Clock/Data Fanout Buffer
CY2DP314 CYPRESS-CY2DP314_05 Datasheet
229Kb / 10P
   1:4 Differential Clock/Data Fanout Buffer
CY2DP3120 CYPRESS-CY2DP3120 Datasheet
193Kb / 9P
   1:20 Differential Clock/Data Fanout Buffer
logo
ON Semiconductor
NB6L611 ONSEMI-NB6L611 Datasheet
146Kb / 9P
   2.5V / 3.3V 1:2 Differential LVPECL Clock / Data Fanout Buffer
December, 2006 ??Rev. 0
logo
Cypress Semiconductor
CY2PP3220 CYPRESS-CY2PP3220 Datasheet
190Kb / 9P
   Dual 1:10 Differential Clock / Data Fanout Buffer
CY2PP3210 CYPRESS-CY2PP3210 Datasheet
275Kb / 9P
   Dual 1:5 Differential Clock / Data Fanout Buffer
logo
Potato Semiconductor Co...
PO74HSTL314A POTATO-PO74HSTL314A Datasheet
587Kb / 7P
   3.3V 2:4 Differential Clock/Data Fanout Buffer
PO74HSTL314A POTATO-PO74HSTL314A_14 Datasheet
1Mb / 7P
   2.3V - 3.6V 2:4 Differential Clock/Data Fanout Buffer
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11 Datasheet
85Kb / 8P
   1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com