Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO74HSTL85350ATU Datasheet(PDF) 3 Page - Potato Semiconductor Corporation

Part # PO74HSTL85350ATU
Description  LVCMOS Input to HSTL Output 1:4 Fanout Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO74HSTL85350ATU Datasheet(HTML) 3 Page - Potato Semiconductor Corporation

  PO74HSTL85350ATU Datasheet HTML 1Page - Potato Semiconductor Corporation PO74HSTL85350ATU Datasheet HTML 2Page - Potato Semiconductor Corporation PO74HSTL85350ATU Datasheet HTML 3Page - Potato Semiconductor Corporation PO74HSTL85350ATU Datasheet HTML 4Page - Potato Semiconductor Corporation PO74HSTL85350ATU Datasheet HTML 5Page - Potato Semiconductor Corporation PO74HSTL85350ATU Datasheet HTML 6Page - Potato Semiconductor Corporation PO74HSTL85350ATU Datasheet HTML 7Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DC Electrical Characteristics
Symbol
Description
Test Conditions
Min
Typ
Max
Unit
VOH
Output High voltage
Vcc=3V Vin=VIH or VIL, IOH= -12mA
2.4
3
-
V
VOL
Output Low voltage
Vcc=3V Vin=VIH or VIL, IOH=12mA
-
0.3
0.5
V
VIK
Clamp diode voltage
Vcc = Min. And
IIN = -18mA
-
-0.7
-1.2
V
Notes:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2.
Typical values are at Vcc = 3.3V, 25 °C ambient.
3.
This parameter is guaranteed but not tested.
4.
Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
5.
VoH = Vcc – 0.6V at rated current
Copyright © Potato Semiconductor Corporation
3
300MHz HSTL Potato Chip
Maximum Ratings
Description
Max
Unit
Storage Temperature
-65 to 150
°C
Operation Temperature
-40 to 85
°C
Operation Voltage
-0.5 to +4.6
V
Input Voltage
-0.5 to +5.5
V
Output Voltage
-0.5 to Vcc+0.5
V
Note:
stresses greater than listed under
Maximum
Ratings
may
cause
permanent damage to the device. This
is a stress rating only and functional
operation of the device at these or any
other conditions above those indicated
in the operational sections of this
specification is not implied. Exposure
to absolute maximum rating conditions
for extended periods may affect
reliability specification is not implied.
Multiple Supplies:The Voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required.
03/24/07
LVCMOS Input to HSTL Output 1:4 Fanout Buffer
PO74HSTL85350A


Similar Part No. - PO74HSTL85350ATU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74HSTL85350A POTATO-PO74HSTL85350A_14 Datasheet
1Mb / 7P
   LVCMOS Input to HSTL Output 1:4 Fanout Buffer
More results

Similar Description - PO74HSTL85350ATU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74HSTL85350A POTATO-PO74HSTL85350A_14 Datasheet
1Mb / 7P
   LVCMOS Input to HSTL Output 1:4 Fanout Buffer
PO74HSTL85352A POTATO-PO74HSTL85352A_14 Datasheet
1Mb / 7P
   LVCMOS Input to HSTL Output 1:2 Fanout Buffer
logo
Renesas Technology Corp
MC100ES6535 RENESAS-MC100ES6535 Datasheet
450Kb / 10P
   3.3V LVCMOS-to-LVPECL 1:4 Fanout Buffer
2019
logo
Cypress Semiconductor
CY2CP1504 CYPRESS-CY2CP1504 Datasheet
298Kb / 13P
   1:4 LVCMOS to LVPECL Fanout Buffer with Selectable Clock Input
logo
Integrated Circuit Syst...
ICS8523I ICST-ICS8523I Datasheet
230Kb / 16P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
logo
Renesas Technology Corp
8305-02 RENESAS-8305-02 Datasheet
1Mb / 21P
   Low Skew, 1-to-4 Multiplexed Differential/ LVCMOS-to-LVCMOS Fanout Buffer
May 19, 2016
ICS8304-02 RENESAS-ICS8304-02 Datasheet
412Kb / 14P
   Low Skew, 1-to-4, LVCMOS/LVTTL Fanout Buffer
FEBRUARY 4, 2013
ICS8305I-02 RENESAS-ICS8305I-02 Datasheet
1Mb / 21P
   Low Skew, 1-to-4 Multiplexed Differential/ LVCMOS-to-LVCMOS Fanout Buffer
2019
logo
Integrated Device Techn...
8304 IDT-8304 Datasheet
154Kb / 11P
   Low Skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C49X0204B-A PERICOM-PI6C49X0204B-A Datasheet
1Mb / 7P
   Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com