Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS56100 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TPS56100
Description  HIGH-EFFICIENCY DSP POWER SUPPLY CONTROLLER FOR 5-V INPUT SYSTEMS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS56100 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPS56100 Datasheet HTML 19Page - Texas Instruments TPS56100 Datasheet HTML 20Page - Texas Instruments TPS56100 Datasheet HTML 21Page - Texas Instruments TPS56100 Datasheet HTML 22Page - Texas Instruments TPS56100 Datasheet HTML 23Page - Texas Instruments TPS56100 Datasheet HTML 24Page - Texas Instruments TPS56100 Datasheet HTML 25Page - Texas Instruments TPS56100 Datasheet HTML 26Page - Texas Instruments TPS56100 Datasheet HTML 27Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
TPS56100
HIGH-EFFICIENCY DSP POWER SUPPLY CONTROLLER
FOR 5-V INPUT SYSTEMS
SLVS201A – JUNE 1999 – REVISED JULY 1999
26
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
MECHANICAL DATA
PWP (R-PDSO-G**)
PowerPAD
™ PLASTIC SMALL-OUTLINE PACKAGE
4073225/E 03/97
0,50
0,75
0,25
0,15 NOM
Thermal Pad
(See Note D)
Gage Plane
28
24
7,70
7,90
20
6,40
6,60
9,60
9,80
6,60
6,20
11
0,19
4,50
4,30
10
0,15
20
A
1
0,30
1,20 MAX
16
14
5,10
4,90
PINS **
4,90
5,10
DIM
A MIN
A MAX
0,05
Seating Plane
0,65
0,10
M
0,10
0
°–8°
20-PIN SHOWN
NOTES: B. All linear dimensions are in millimeters.
C. This drawing is subject to change without notice.
D. Body dimensions do not include mold flash or protrusions.
E. The package thermal performance may be enhanced by bonding the thermal pad to an external thermal plane. This pad is electrically
and thermally connected to the backside of the die and possibly selected leads.
F. Falls within JEDEC MO-153
PowerPAD is a trademark of Texas Instruments Incorporated.


Similar Part No. - TPS56100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56100 TI1-TPS56100 Datasheet
535Kb / 30P
[Old version datasheet]   HIGH-EFFICIENCY DSP POWER SUPPLY CONTROLLER FOR 5-V INPUT SYSTEMS
TPS56100PWP TI1-TPS56100PWP Datasheet
535Kb / 30P
[Old version datasheet]   HIGH-EFFICIENCY DSP POWER SUPPLY CONTROLLER FOR 5-V INPUT SYSTEMS
TPS56100PWPG4 TI1-TPS56100PWPG4 Datasheet
535Kb / 30P
[Old version datasheet]   HIGH-EFFICIENCY DSP POWER SUPPLY CONTROLLER FOR 5-V INPUT SYSTEMS
TPS56100 TI1-TPS56100_16 Datasheet
535Kb / 30P
[Old version datasheet]   HIGH-EFFICIENCY DSP POWER SUPPLY CONTROLLER FOR 5-V INPUT SYSTEMS
More results

Similar Description - TPS56100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56100 TI1-TPS56100_16 Datasheet
535Kb / 30P
[Old version datasheet]   HIGH-EFFICIENCY DSP POWER SUPPLY CONTROLLER FOR 5-V INPUT SYSTEMS
TPS5602 TI-TPS5602 Datasheet
739Kb / 24P
[Old version datasheet]   DUAL, FAST, HIGH EFFICIENCY CONTROLLER FOR DSP POWER
TPS5602IDBT TI1-TPS5602IDBT Datasheet
954Kb / 27P
[Old version datasheet]   DUAL, FAST, HIGH EFFICIENCY CONTROLLER FOR DSP POWER
logo
List of Unclassifed Man...
TS81000 ETC2-TS81000 Datasheet
705Kb / 8P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS80002 SEMTECH-TS80002 Datasheet
1Mb / 16P
   High-Efficiency Transmit Controller for Wireless Power Systems
TS80000 SEMTECH-TS80000 Datasheet
728Kb / 37P
   High Efficiency Transmitter Controller for Wireless Power Systems
logo
List of Unclassifed Man...
TS81001 ETC2-TS81001 Datasheet
602Kb / 7P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS81001 SEMTECH-TS81001 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
TS80003 SEMTECH-TS80003 Datasheet
3Mb / 27P
   High Efficiency Transmirrer Controller for Wireless Power Systems
logo
List of Unclassifed Man...
TS80000 ETC2-TS80000 Datasheet
861Kb / 9P
   High Efficiency Transmitter Controller for Wireless Power Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com