Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO74GU04A Datasheet(PDF) 4 Page - Potato Semiconductor Corporation

Part # PO74GU04A
Description  HEX INVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO74GU04A Datasheet(HTML) 4 Page - Potato Semiconductor Corporation

  PO74GU04A Datasheet HTML 1Page - Potato Semiconductor Corporation PO74GU04A Datasheet HTML 2Page - Potato Semiconductor Corporation PO74GU04A Datasheet HTML 3Page - Potato Semiconductor Corporation PO74GU04A Datasheet HTML 4Page - Potato Semiconductor Corporation PO74GU04A Datasheet HTML 5Page - Potato Semiconductor Corporation PO74GU04A Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Test Waveforms
Test Circuit
50
4
Copyright © 2005-2006, Potato Semiconductor Corporation
74 Series GHz Logic
PO74GU04A
HEX INVERTER
07/26/06
Propagation Delay
Input
Output
VoH
2.0V
1.5V
0.8V
VoL
3V
0V
1.5V
tf
tPHL
tPLH
tR
Vcc
15pF
to
2pF
D.U.T.
Pulse
Generator


Similar Part No. - PO74GU04A

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74GU04A POTATO-PO74GU04A_14 Datasheet
1Mb / 5P
   74 Series Noise Cancellation GHz Logic
More results

Similar Description - PO74GU04A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com