Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO74G164245ASU Datasheet(PDF) 6 Page - Potato Semiconductor Corporation

Part # PO74G164245ASU
Description  1.65v-3.6v, 16-bit Dual Supply Level Shifting Bidirectional Transceiver with 3 state outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO74G164245ASU Datasheet(HTML) 6 Page - Potato Semiconductor Corporation

Back Button PO74G164245ASU Datasheet HTML 2Page - Potato Semiconductor Corporation PO74G164245ASU Datasheet HTML 3Page - Potato Semiconductor Corporation PO74G164245ASU Datasheet HTML 4Page - Potato Semiconductor Corporation PO74G164245ASU Datasheet HTML 5Page - Potato Semiconductor Corporation PO74G164245ASU Datasheet HTML 6Page - Potato Semiconductor Corporation PO74G164245ASU Datasheet HTML 7Page - Potato Semiconductor Corporation PO74G164245ASU Datasheet HTML 8Page - Potato Semiconductor Corporation PO74G164245ASU Datasheet HTML 9Page - Potato Semiconductor Corporation PO74G164245ASU Datasheet HTML 10Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Copyright © Potato Semiconductor Corporation
Parameter Measurement Information, VCCA = 1.8V ±0.1V
Test Circuit
50
50
1000
2 x VCCA
1000
50pF
to
2pF
74 Series GHz Logic
PO74G164245A
1.65v-3.6v, 16-bit Dual Supply Level Shifting
Bidirectional Transceiver with 3 state outputs
02/01/09
0.9V
0.9V
0.9V
0.9V
0.15V
0.15V
0.9V
0.9V
0.9V
0.9V


Similar Part No. - PO74G164245ASU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G164245A POTATO-PO74G164245A_14 Datasheet
2Mb / 9P
   1.65v-3.6v, 16-bit Dual Supply Level Shifting
More results

Similar Description - PO74G164245ASU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G164245A POTATO-PO74G164245A_14 Datasheet
2Mb / 9P
   1.65v-3.6v, 16-bit Dual Supply Level Shifting
PO74G16245B POTATO-PO74G16245B_14 Datasheet
1Mb / 6P
   1.2v-3.6v, 16-bit Bidirectional Transceiver with 3 state outputs
PO74G16245B POTATO-PO74G16245B Datasheet
650Kb / 7P
   1.2v-3.6v, 16-bit Bidirectional Transceiver with 3 state outputs
PO74G245B POTATO-PO74G245B Datasheet
632Kb / 7P
   1.2v-3.6v, 8-bit Bidirectional Transceiver with 3 state outputs
PO74G245A POTATO-PO74G245A_14 Datasheet
1Mb / 6P
   1.2v-3.6v, 8-bit Bidirectional Transceiver with 3 state outputs
logo
Pericom Semiconductor C...
PI74ALVTC16245 PERICOM-PI74ALVTC16245 Datasheet
213Kb / 10P
   16-Bit BiDirectional Transceiver with 3-State Outputs
logo
Micro Linear Corporatio...
ML65F16245 MICRO-LINEAR-ML65F16245 Datasheet
209Kb / 10P
   16-Bit Bidirectional Transceiver with 3-State Outputs
logo
Texas Instruments
SN74LXC8T245 TI-SN74LXC8T245 Datasheet
1Mb / 35P
[Old version datasheet]   SN74LXC8T245 8-bit Dual-Supply Bus Transceiver with Configurable Level Shifting and 3-State Outputs
SN74LXC8T245 TI-SN74LXC8T245_V01 Datasheet
1Mb / 36P
[Old version datasheet]   SN74LXC8T245 8-bit Dual-Supply Bus Transceiver with Configurable Level Shifting and 3-State Outputs
REVISED MARCH 2023
logo
Integrated Device Techn...
IDT74ALVC164245 IDT-IDT74ALVC164245_18 Datasheet
97Kb / 8P
   CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com