Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO74G245B Datasheet(PDF) 7 Page - Potato Semiconductor Corporation

Part # PO74G245B
Description  1.2v-3.6v, 8-bit Bidirectional Transceiver with 3 state outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO74G245B Datasheet(HTML) 7 Page - Potato Semiconductor Corporation

  PO74G245B Datasheet HTML 1Page - Potato Semiconductor Corporation PO74G245B Datasheet HTML 2Page - Potato Semiconductor Corporation PO74G245B Datasheet HTML 3Page - Potato Semiconductor Corporation PO74G245B Datasheet HTML 4Page - Potato Semiconductor Corporation PO74G245B Datasheet HTML 5Page - Potato Semiconductor Corporation PO74G245B Datasheet HTML 6Page - Potato Semiconductor Corporation PO74G245B Datasheet HTML 7Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
Copyright © Potato Semiconductor Corporation
Top-Marking
Ordering Information
Ordering Code
Package
20pin TSSOP
Tube
Pb-free & Green
20pin TSSOP
Tape and reel
Pb-free & Green
PO74G245ASU
PO74G245AS
PO74G245AS
PO74G245ASR
-40°C to 85°C
-40°C to 85°C
TA
74 Series GHz Logic
PO74G245B
1.2v-3.6v, 8-bit Bidirectional Transceiver with 3 state outputs
04/26/09
T
TSSOP 20
16
8
Top Left Corner
39 (12”)
3000
64 (20”)
74
IC Package Information
PACKAGE
CODE
PACKAGE
TYPE
QTY
PER
TUBE
TAPE
WIDTH
(mm)
TAPE
PITCH
(mm)
PIN 1 LOCATION
TAPE TRAILER
LENGTH
QTY
PER REEL
TAPE LEADER
LENGTH


Similar Part No. - PO74G245B

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G245A POTATO-PO74G245A_14 Datasheet
1Mb / 6P
   1.2v-3.6v, 8-bit Bidirectional Transceiver with 3 state outputs
More results

Similar Description - PO74G245B

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G245A POTATO-PO74G245A_14 Datasheet
1Mb / 6P
   1.2v-3.6v, 8-bit Bidirectional Transceiver with 3 state outputs
PO74G16245B POTATO-PO74G16245B_14 Datasheet
1Mb / 6P
   1.2v-3.6v, 16-bit Bidirectional Transceiver with 3 state outputs
PO74G16245B POTATO-PO74G16245B Datasheet
650Kb / 7P
   1.2v-3.6v, 16-bit Bidirectional Transceiver with 3 state outputs
logo
Pericom Semiconductor C...
PI74ALVTC16245 PERICOM-PI74ALVTC16245 Datasheet
213Kb / 10P
   16-Bit BiDirectional Transceiver with 3-State Outputs
logo
Fairchild Semiconductor
74FR9245 FAIRCHILD-74FR9245 Datasheet
54Kb / 6P
   9-Bit Bidirectional Transceiver with 3-STATE Outputs
logo
Micro Linear Corporatio...
ML65F16245 MICRO-LINEAR-ML65F16245 Datasheet
209Kb / 10P
   16-Bit Bidirectional Transceiver with 3-State Outputs
logo
Texas Instruments
CY74FCT2245T TI1-CY74FCT2245T_16 Datasheet
1,016Kb / 18P
[Old version datasheet]   8-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Potato Semiconductor Co...
PO74G164245A POTATO-PO74G164245A Datasheet
960Kb / 10P
   1.65v-3.6v, 16-bit Dual Supply Level Shifting Bidirectional Transceiver with 3 state outputs
logo
Pericom Semiconductor C...
PI74ALVCH32245 PERICOM-PI74ALVCH32245 Datasheet
161Kb / 7P
   3.3V,32-Bit Bidirectional Transceiver with 3-State Outputs
PI74ALVCH16245 PERICOM-PI74ALVCH16245 Datasheet
319Kb / 4P
   3.3V 16-Bit Bidirectional Transceiver with 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com