Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS5210DW Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS5210DW
Description  PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5210DW Datasheet(HTML) 2 Page - Texas Instruments

  TPS5210DW Datasheet HTML 1Page - Texas Instruments TPS5210DW Datasheet HTML 2Page - Texas Instruments TPS5210DW Datasheet HTML 3Page - Texas Instruments TPS5210DW Datasheet HTML 4Page - Texas Instruments TPS5210DW Datasheet HTML 5Page - Texas Instruments TPS5210DW Datasheet HTML 6Page - Texas Instruments TPS5210DW Datasheet HTML 7Page - Texas Instruments TPS5210DW Datasheet HTML 8Page - Texas Instruments TPS5210DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
11111
Decode
VID0
VID1
VID2
VID3
VID4
SQ
R
Deglitch
Deglitch
100 mV
+
VOVP
1.15 Vref
VPGD
0.93 Vref
Rising
Edge
Delay
+
+
PREREG
DRV REG
+
+
Hysteresis
Setting
+
VID
MUX
and
Decoder
2x
SLOWST
OCP
INHIBIT
Bandgap
Shutdown
IVREFB
5
Shutdown
VSENSE
HIGHIN
HIGHDR
VCC
Analog
Bias
Analog Bias
Slowstart
Comp
Hysteresis
Comp
CM Filters
VREF
+
Σ
28
20
21
19
15
7
VCC
ANAGND
PWRGD
LOSENSE
IOUTLO HISENSE
2 V
10 V
VCC
UVLO
NOCPU
Fault
Shutdown
IOUT
BIAS
DRV
BOOT
HIGHDR
BOOTLO
LOWDR
DRVGND
1
9
14
16
17
18
13
12
6
11
10
4
2
5
23
VID0 VID1 VID2 VID3 VID4
24
25
26
27
VREFB DROOP VHYST VSENSE
LOHIB
LODRV
8
3
22
200 k
200 k


Similar Part No. - TPS5210DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5210 TI1-TPS5210 Datasheet
748Kb / 31P
[Old version datasheet]   PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
TPS5210PWP TI1-TPS5210PWP Datasheet
748Kb / 31P
[Old version datasheet]   PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
TPS5210PWPR TI1-TPS5210PWPR Datasheet
748Kb / 31P
[Old version datasheet]   PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
TPS5210 TI1-TPS5210_16 Datasheet
748Kb / 31P
[Old version datasheet]   PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
More results

Similar Description - TPS5210DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5210 TI1-TPS5210_16 Datasheet
748Kb / 31P
[Old version datasheet]   PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
logo
National Semiconductor ...
LM2635 NSC-LM2635 Datasheet
288Kb / 13P
   5-Bit Programmable Synchronous Buck Regulator Controller
LM2636 NSC-LM2636 Datasheet
325Kb / 14P
   5-Bit Programmable Synchronous Buck Regulator Controller
logo
Texas Instruments
TPS5618EVM-106 TI-TPS5618EVM-106 Datasheet
390Kb / 10P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
logo
National Semiconductor ...
LM2647 NSC-LM2647 Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2647 TI1-LM2647 Datasheet
3Mb / 43P
[Old version datasheet]   Dual Synchronous Buck Regulator Controller
TPS5615 TI-TPS5615 Datasheet
387Kb / 25P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
logo
National Semiconductor ...
LM2657 NSC-LM2657 Datasheet
959Kb / 26P
   Dual Synchronous Buck Regulator Controller
logo
ON Semiconductor
NCP5380 ONSEMI-NCP5380_12 Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
NCP5380 ONSEMI-NCP5380 Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com