Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO74G14ASU Datasheet(PDF) 1 Page - Potato Semiconductor Corporation

Part # PO74G14ASU
Description  HEX SCHMITT-TRIGGER INVERTERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO74G14ASU Datasheet(HTML) 1 Page - Potato Semiconductor Corporation

  PO74G14ASU Datasheet HTML 1Page - Potato Semiconductor Corporation PO74G14ASU Datasheet HTML 2Page - Potato Semiconductor Corporation PO74G14ASU Datasheet HTML 3Page - Potato Semiconductor Corporation PO74G14ASU Datasheet HTML 4Page - Potato Semiconductor Corporation PO74G14ASU Datasheet HTML 5Page - Potato Semiconductor Corporation PO74G14ASU Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright © Potato Semiconductor Corporation
54, 74 Series GHz Logic
PO54G14A, PO74G14A
HEX SCHMITT-TRIGGER INVERTERS
10/21/07
1
FEATURES:
. Patented technology
. Operating frequency up to 1.125GHz with 2pf load
. Operating frequency up to 680MHz with 5pf load
. Operating frequency up to 300MHz with 15pf load
. Operating frequency up to 100MHz with 50pf load
. VCC Operates from 1.65V to 3.6V
. Propagation delay < 1.8ns max with 15pf load
. Low input capacitance: 4pf typical
. Available in 14pin 150mil wide SOIC package
Pin Configuration
Logic Block Diagram
Pin Description
DESCRIPTION:
Potato Semiconductor’s PO74G14A is designed for
world top performance using submicron CMOS
technology to achieve 1.125GHz TTL /CMOS output
frequency with less than 1.8ns propagation delay.
This hex inverter contains six independent inverters
designed for 1.65-V to 3.6-V VCC operation.
The PO74G14A performs the Boolean function Y= A.
Inputs can be driven from either 3.3V or 5V devices.
This feature allows the use of these devices as
translators in a mixed 3.3V/5V system environment.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
V CC
6A
6Y
5A
5Y
4A
4Y
3
2 1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
6Y
NC
5A
NC
5Y
2A
NC
2Y
NC
3A
Y
A
INPUT
OUTPUT
A
Y
H
L
L
H


Similar Part No. - PO74G14ASU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PO74G14ASU ETC2-PO74G14ASU Datasheet
504Kb / 6P
   HEX SCHMITT-TRIGGER INVERTERS
More results

Similar Description - PO74G14ASU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Renesas Technology Corp
RD74LVC14B RENESAS-RD74LVC14B Datasheet
64Kb / 7P
   Hex Schmitt-trigger Inverters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com