Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO54G04A Datasheet(PDF) 6 Page - Potato Semiconductor Corporation

Part # PO54G04A
Description  HEX INVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO54G04A Datasheet(HTML) 6 Page - Potato Semiconductor Corporation

  PO54G04A Datasheet HTML 1Page - Potato Semiconductor Corporation PO54G04A Datasheet HTML 2Page - Potato Semiconductor Corporation PO54G04A Datasheet HTML 3Page - Potato Semiconductor Corporation PO54G04A Datasheet HTML 4Page - Potato Semiconductor Corporation PO54G04A Datasheet HTML 5Page - Potato Semiconductor Corporation PO54G04A Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Copyright © 2005-2006, Potato Semiconductor Corporation
Top-Marking
Ordering Information
Ordering Code
Package
14pin SOIC
Tube
Pb-free & Green
14pin SOIC
Tape and reel
Pb-free & Green
PO74G04ASU
PO74G04AS
PO74G04AS
PO74G04ASR
-40°C to 85°C
-40°C to 85°C
TA
54, 74 Series GHz Logic
PO54G04A, PO74G04A
HEX INVERTER
09/12/07
Top-Marking
Ordering Information
Ordering Code
Package
14pin SOIC
Tube
Pb-free & Green
14pin SOIC
Tape and reel
Pb-free & Green
PO74G04ASU
PO74G04AS
PO74G04AS
PO74G04ASR
-40°C to 85°C
-40°C to 85°C
14pin SOIC
Tube
Pb-free & Green
14pin SOIC
Tape and reel
Pb-free & Green
PO74G04ASiU
PO74G04ASi
PO74G04ASi
PO74G04ASiR
-40°C to
-40°C to
14pin Leadless
Ceramic Chip Carrier
PO54G04ALU
PO54G04AL
20pin Ceramic
Dual Flatpack
Tube
Pb-free & Green
Tube
Pb-free & Green
PO54G04AFU
PO54G04AF
-55°C to 125° C
-55°C to 125° C
125° C
125° C
TA
Denotes dimensions in inches
Denotes dimensions in millimenters
X.XX
X.XX
X.XX
X.XX
0.080 (2,03)
0.064 (1,63)
12
13
1
3
2
18
17
16
14
13
12
15
11
9
10
4
6
7
8
5
Packaging Mechanical Drawing: 20pin Ceramic Dual Flatpack
0.055 (1,40)
0.045 (1,14)
0.358 (9,09)
0.342 (8,69)
0.358 (9,09)
0.307 (7,80)
0.028 (0,71)
0.022 (0,54)
0.050 (1,27)
0.045 (1,14)
0.045 (1,14)
0.035 (0,89)
0.035 (0,89)
0.020 (0,51)
0.010 (0,25)
0.020 (0,51)
0.010 (0,25)


Similar Part No. - PO54G04A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PO54G00A ETC2-PO54G00A Datasheet
507Kb / 6P
   54, 74 Series GHz Logic
logo
Potato Semiconductor Co...
PO54G00A POTATO-PO54G00A Datasheet
554Kb / 6P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
logo
List of Unclassifed Man...
PO54G00AF ETC2-PO54G00AF Datasheet
507Kb / 6P
   54, 74 Series GHz Logic
PO54G00AFU ETC2-PO54G00AFU Datasheet
507Kb / 6P
   54, 74 Series GHz Logic
logo
Potato Semiconductor Co...
PO54G00AFU POTATO-PO54G00AFU Datasheet
554Kb / 6P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
More results

Similar Description - PO54G04A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com