Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO54G00A Datasheet(PDF) 6 Page - Potato Semiconductor Corporation

Part # PO54G00A
Description  QUADRUPLE 2-INPUT POSITIVE-NAND GATE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO54G00A Datasheet(HTML) 6 Page - Potato Semiconductor Corporation

  PO54G00A Datasheet HTML 1Page - Potato Semiconductor Corporation PO54G00A Datasheet HTML 2Page - Potato Semiconductor Corporation PO54G00A Datasheet HTML 3Page - Potato Semiconductor Corporation PO54G00A Datasheet HTML 4Page - Potato Semiconductor Corporation PO54G00A Datasheet HTML 5Page - Potato Semiconductor Corporation PO54G00A Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Copyright © 2005-2007, Potato Semiconductor Corporation
Top-Marking
Ordering Information
Ordering Code
Package
14pin SOIC
Tube
Pb-free & Green
14pin SOIC
Tape and reel
Pb-free & Green
PO74G00ASU
PO74G00AS
PO74G00AS
PO74G00ASR
-40°C to
-40°C to
14pin Leadless
Ceramic Chip Carrier
PO54G00ALU
PO54G00AL
20pin Ceramic
Dual Flatpack
Tube
Pb-free & Green
Tube
Pb-free & Green
PO54G00AFU
PO54G00AF
-55°C to 125° C
-55°C to 125° C
125° C
125° C
TA
54, 74 Series GHz Logic
PO54G00A, PO74G00A
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
27/10/07
Denotes dimensions in inches
Denotes dimensions in millimenters
X.XX
X.XX
X.XX
X.XX
0.080 (2,03)
0.064 (1,63)
12
13
1
3
2
18
17
16
14
13
12
15
11
9
10
4
6
7
8
5
Packaging Mechanical Drawing: 20pin Ceramic Dual Flatpack
0.055 (1,40)
0.045 (1,14)
0.358 (9,09)
0.342 (8,69)
0.358 (9,09)
0.307 (7,80)
0.028 (0,71)
0.022 (0,54)
0.050 (1,27)
0.045 (1,14)
0.045 (1,14)
0.035 (0,89)
0.035 (0,89)
0.020 (0,51)
0.010 (0,25)
0.020 (0,51)
0.010 (0,25)
IC Package Information
L
LCCC 20
N/A
N/A
N/A
N/A
N/A
N/A
N/A
55
F
CFP 14
N/A
N/A
N/A
N/A
N/A
150
PACKAGE
CODE
PACKAGE
TYPE
QTY
PER
TUBE
TAPE
WIDTH
(mm)
TAPE
PITCH
(mm)
PIN 1 LOCATION
TAPE TRAILER
LENGTH
QTY
PER REEL
TAPE LEADER
LENGTH
S
SOIC 14
16
8
Top Left Corner
39 (12”)
3000
64 (20”)
55


Similar Part No. - PO54G00A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PO54G00A ETC2-PO54G00A Datasheet
507Kb / 6P
   54, 74 Series GHz Logic
PO54G00AF ETC2-PO54G00AF Datasheet
507Kb / 6P
   54, 74 Series GHz Logic
PO54G00AFU ETC2-PO54G00AFU Datasheet
507Kb / 6P
   54, 74 Series GHz Logic
PO54G00AL ETC2-PO54G00AL Datasheet
507Kb / 6P
   54, 74 Series GHz Logic
PO54G00ALU ETC2-PO54G00ALU Datasheet
507Kb / 6P
   54, 74 Series GHz Logic
More results

Similar Description - PO54G00A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC00 TI-SN74AUC00_07 Datasheet
548Kb / 11P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74ALVC00 TI-SN74ALVC00_08 Datasheet
754Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74ALVC00-EP TI1-SN74ALVC00-EP Datasheet
308Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74LVC00A-Q1 TI1-SN74LVC00A-Q1 Datasheet
217Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74ALVC00 TI-SN74ALVC00 Datasheet
110Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74ALVC00-Q1 TI1-SN74ALVC00-Q1_15 Datasheet
769Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN54HC00-DIE TI1-SN54HC00-DIE Datasheet
81Kb / 6P
[Old version datasheet]   Quadruple 2-Input Positive-NAND Gate
74AC11000 TI-74AC11000 Datasheet
76Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
REVISED APRIL 1996
74AC11000 TI1-74AC11000_12 Datasheet
625Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
logo
Potato Semiconductor Co...
PO74G00A POTATO-PO74G00A_14 Datasheet
1Mb / 6P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com