Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO49HSTL3802 Datasheet(PDF) 1 Page - Potato Semiconductor Corporation

Part # PO49HSTL3802
Description  3.3V 1:5 Differential to TTL Translator Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO49HSTL3802 Datasheet(HTML) 1 Page - Potato Semiconductor Corporation

  PO49HSTL3802 Datasheet HTML 1Page - Potato Semiconductor Corporation PO49HSTL3802 Datasheet HTML 2Page - Potato Semiconductor Corporation PO49HSTL3802 Datasheet HTML 3Page - Potato Semiconductor Corporation PO49HSTL3802 Datasheet HTML 4Page - Potato Semiconductor Corporation PO49HSTL3802 Datasheet HTML 5Page - Potato Semiconductor Corporation PO49HSTL3802 Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES:
DESCRIPTION:
. Patented technology
. Max input frequency > 1GHz
. Operating frequency up to 900MHz with 2pf load
. Operating frequency up to 700MHz with 5pf load
. Operating frequency up to 350MHz with 15pf load
. Operating frequency up to 140MHz with 50pf load
. Very low output pin to pin skew < 100ps
. Very low pulse skew < 100ps
. VCC = 1.65V to 3.6V
. Propagation delay < 2.5ns max with 15pf load
. Low input capacitance: 3pf typical
. 1:5 fanout
. Available in 16pin 150mil wide QSOP package
. Available in 16pin 173mil wide TSSOP package
Potato Semiconductor’s PO49HSTL3802G is
designed for world top performance using
submicron
CMOS
technology
to
achieve
900MHz TTL output frequency with less than
100ps output pulse skew.
PO49HSTL3802G is a 3.3V 1 high speed
comparator inputs to 5 TTL output buffered
driver to achieve higher than 900MHz output
frequency. Typical applications are HSTL, PECL,
LVDS to TTL translator, crystal or ring
oscillator, clock and signal distribution.
Pin Configuration
Logic Block Diagram
Pin Description
Pin Name
Description
s
t
u
p
n
I
-
N
I
,
+
N
I
O1 to O5
Outputs
11/22/05
3.3V 1:5 Differential to TTL Translator Driver
Copyright © 2005, Potato Semiconductor Corporation
1
PO49HSTL3802
900MHz TTL/CMOS Potato Chip


Similar Part No. - PO49HSTL3802

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO49HSTL3802A POTATO-PO49HSTL3802A Datasheet
1Mb / 6P
   Potato Semiconductor?셲 PO49HSTL3802G is designed for world top performance using submicron CMOS technology to achieve 900MHz TTL output frequency with less than 100ps output pulse skew.
PO49HSTL3802AQR POTATO-PO49HSTL3802AQR Datasheet
1Mb / 6P
   Potato Semiconductor?셲 PO49HSTL3802G is designed for world top performance using submicron CMOS technology to achieve 900MHz TTL output frequency with less than 100ps output pulse skew.
PO49HSTL3802AQU POTATO-PO49HSTL3802AQU Datasheet
1Mb / 6P
   Potato Semiconductor?셲 PO49HSTL3802G is designed for world top performance using submicron CMOS technology to achieve 900MHz TTL output frequency with less than 100ps output pulse skew.
PO49HSTL3802ATR POTATO-PO49HSTL3802ATR Datasheet
1Mb / 6P
   Potato Semiconductor?셲 PO49HSTL3802G is designed for world top performance using submicron CMOS technology to achieve 900MHz TTL output frequency with less than 100ps output pulse skew.
PO49HSTL3802ATU POTATO-PO49HSTL3802ATU Datasheet
1Mb / 6P
   Potato Semiconductor?셲 PO49HSTL3802G is designed for world top performance using submicron CMOS technology to achieve 900MHz TTL output frequency with less than 100ps output pulse skew.
More results

Similar Description - PO49HSTL3802

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO49HSTL3803 POTATO-PO49HSTL3803 Datasheet
542Kb / 6P
   3.3V 1:5 Differential to TTL Translator Driver
PO49HSTL3802G POTATO-PO49HSTL3802G_14 Datasheet
1Mb / 6P
   3.3V 1:5 Differential to TTL Translator Driver
PO49HSTL3807G POTATO-PO49HSTL3807G Datasheet
163Kb / 5P
   3.3V 1:10 Differential to TTL Translator Driver
PO49HSTL32807 POTATO-PO49HSTL32807 Datasheet
553Kb / 6P
   3.3V 1:10 Differential to TTL Translator Driver
PO49HSTL32807G POTATO-PO49HSTL32807G_14 Datasheet
1Mb / 6P
   3.3V 1:10 Differential to TTL Translator Driver
PO49HSTL3803G POTATO-PO49HSTL3803G_14 Datasheet
1Mb / 6P
   3.3V 1:7 Differential to TTL Translator Driver
logo
Micrel Semiconductor
SY10ELT20V MICREL-SY10ELT20V Datasheet
50Kb / 4P
   5V/3.3V TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22L MICREL-SY10ELT22L_05 Datasheet
82Kb / 5P
   3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22L MICREL-SY10ELT22L Datasheet
51Kb / 4P
   3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY89222L MICREL-SY89222L Datasheet
42Kb / 5P
   3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com