Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3801K33DCK Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS3801K33DCK
Description  ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3801K33DCK Datasheet(HTML) 8 Page - Texas Instruments

  TPS3801K33DCK Datasheet HTML 1Page - Texas Instruments TPS3801K33DCK Datasheet HTML 2Page - Texas Instruments TPS3801K33DCK Datasheet HTML 3Page - Texas Instruments TPS3801K33DCK Datasheet HTML 4Page - Texas Instruments TPS3801K33DCK Datasheet HTML 5Page - Texas Instruments TPS3801K33DCK Datasheet HTML 6Page - Texas Instruments TPS3801K33DCK Datasheet HTML 7Page - Texas Instruments TPS3801K33DCK Datasheet HTML 8Page - Texas Instruments TPS3801K33DCK Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TPS3801J25, TPS3801L30, TPS3801K33, TPS3801I50
ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
SLVS219 – AUGUST 1999
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
MECHANICAL DATA
DCK (R-PDSO-G5)
PLASTIC SMALL-OUTLINE PACKAGE
0,46
0,15
0,26
Gage Plane
0,13 NOM
4093553/A 11/96
2,20
2,00
0,15
0,30
1,35
1,15
4
5
1,80
2,20
1
3
1,00
0,80
0,10
0,00
Seating Plane
0,10
0,65
M
0,10
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions include mold flash or protrusion.


Similar Part No. - TPS3801K33DCK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3801K33DCK TI-TPS3801K33DCK Datasheet
218Kb / 11P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TPS3801K33DCK TI1-TPS3801K33DCK Datasheet
798Kb / 16P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TPS3801K33DCKR TI-TPS3801K33DCKR Datasheet
218Kb / 11P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TPS3801K33DCKR TI1-TPS3801K33DCKR Datasheet
798Kb / 16P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TPS3801K33DCKR TI1-TPS3801K33DCKR Datasheet
794Kb / 16P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
More results

Similar Description - TPS3801K33DCK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3801-01 TI-TPS3801-01 Datasheet
218Kb / 11P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TPS3800-XX TI1-TPS3800-XX_17 Datasheet
794Kb / 16P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TPS3800-XX TI1-TPS3800-XX Datasheet
798Kb / 16P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TL7702B TI-TL7702B_06 Datasheet
388Kb / 18P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7759 TI-TL7759_06 Datasheet
257Kb / 12P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7733B TI-TL7733B Datasheet
333Kb / 9P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A Datasheet
140Kb / 10P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B Datasheet
159Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A_10 Datasheet
552Kb / 21P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B_08 Datasheet
577Kb / 20P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com