Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO49FCT32807 Datasheet(PDF) 3 Page - Potato Semiconductor Corporation

Part # PO49FCT32807
Description  3.3V 1:10 CMOS Clock Buffered Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO49FCT32807 Datasheet(HTML) 3 Page - Potato Semiconductor Corporation

  PO49FCT32807 Datasheet HTML 1Page - Potato Semiconductor Corporation PO49FCT32807 Datasheet HTML 2Page - Potato Semiconductor Corporation PO49FCT32807 Datasheet HTML 3Page - Potato Semiconductor Corporation PO49FCT32807 Datasheet HTML 4Page - Potato Semiconductor Corporation PO49FCT32807 Datasheet HTML 5Page - Potato Semiconductor Corporation PO49FCT32807 Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Power Supply Characteristics
Symbol
Description
Test Conditions (1)
Min
Typ
Max
Unit
IccQ
Quiescent Power Supply Current
Vcc=Max, Vin=Vcc or GND
-
0.1
30
uA
Notes:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 3.3V, 25
°C ambient.
3. This parameter is guaranteed but not tested.
4. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
Capacitance
Parameters (1)
Description
Test Conditions
Typ
Max
Unit
Cin
Input Capacitance
Vin = 0V
3
4
pF
Cout
Output Capacitance
Vout = 0V
-
6
pF
Notes:
1 This parameter is determined by device characterization but not production tested.
Switching Characteristics
t
i
n
U
x
a
M
)
1
(
s
n
o
i
t
i
d
n
o
C
t
s
e
T
n
o
i
t
p
i
r
c
s
e
D
l
o
b
m
y
S
tPLH
Propagation Delay A to Bn
CL = 15pF
2.5
ns
tPHL
Propagation Delay A to Bn
CL = 15pF
2.5
ns
tr/tf
Rise/Fall Time
0.8V – 2.0V
1
ns
tsk(p)
z
H
M
5
2
1
,
F
p
5
1
=
L
C
)
e
g
a
k
c
a
P
e
m
a
S
(
w
e
k
S
e
s
l
u
P
0.2
ns
tsk(o)
Output Pin to Pin Skew (Same Package)
CL = 15pF, 125MHz
0.3
ns
tsk(pp) Output Skew (Different Package)
CL = 15pF, 125MHz
0.4
ns
fmax
F
p
0
5
=
L
C
y
c
n
e
u
q
e
r
F
t
u
p
n
I
100
MHz
fmax
F
p
5
1
=
L
C
y
c
n
e
u
q
e
r
F
t
u
p
n
I
280
MHz
fmax
F
p
5
=
L
C
y
c
n
e
u
q
e
r
F
t
u
p
n
I
350
MHz
fmax
F
p
2
=
L
C
y
c
n
e
u
q
e
r
F
t
u
p
n
I
400
MHz
Notes:
1. See test circuits and waveforms.
2. tpLH, tpHL, tsk(p), and tsk(o) are production tested. All other parameters guaranteed but not production tested.
3. Airflow of 1m/s is recommended for frequencies above 133MHz
11/22/05
3.3V 1:10 CMOS Clock Buffered Driver
Copyright © 2005, Potato Semiconductor Corporation
3
PO49FCT32807
400MHz TTL/CMOS Potato Chip


Similar Part No. - PO49FCT32807

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
PO49FCT32807G POMONA-PO49FCT32807G_14 Datasheet
1Mb / 6P
   400MHz Noise Cancellation TTL/CMOS Potato Chip
More results

Similar Description - PO49FCT32807

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO49FCT3807B POTATO-PO49FCT3807B Datasheet
637Kb / 7P
   3.3V Dual 1:10 CMOS Clock Buffered Driver
PO49FCT3802A POTATO-PO49FCT3802A Datasheet
566Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
PO74G553A POTATO-PO74G553A Datasheet
538Kb / 6P
   3.3V 1:4 CMOS Clock Buffered Driver
PO74G2308A POTATO-PO74G2308A Datasheet
609Kb / 7P
   3.3V 1:8 CMOS Clock Buffered Driver
PO49FCT32802G POTATO-PO49FCT32802G Datasheet
524Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
PO74G2309A POTATO-PO74G2309A Datasheet
554Kb / 6P
   3.3V 1:9 CMOS Clock Buffered Driver
PO74G304A POTATO-PO74G304A Datasheet
584Kb / 6P
   3.3V 1:4 CMOS Clock Buffered Driver
PO74G2305A POTATO-PO74G2305A Datasheet
394Kb / 5P
   3.3V 1:5 CMOS Clock Buffered Driver
PO49FCT32803 POTATO-PO49FCT32803 Datasheet
549Kb / 6P
   3.3V 1:7 CMOS Clock Buffered Driver
PO49FCT3805B POTATO-PO49FCT3805B Datasheet
660Kb / 7P
   3.3V Dual 1:5 CMOS Clock Buffered Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com