Electronic Components Datasheet Search |
|
PO49FCT3807BSU Datasheet(PDF) 1 Page - Potato Semiconductor Corporation |
|
PO49FCT3807BSU Datasheet(HTML) 1 Page - Potato Semiconductor Corporation |
1 / 7 page FEATURES: DESCRIPTION: . Operating frequency up to 800MHz with 2pf load . Operating frequency up to 600MHz with 5pf load . Operating frequency up to 350MHz with 15pf load . Operating frequency up to 120MHz with 50pf load . Very low output pin to pin skew < 80ps . Very low pulse skew < 250ps . VCC = 1.65V to 3.6V . Propagation delay < 2.0 ns max with 15pf load . Low input capacitance: 3pf typical . 1:10 fanout . Available in 20pin 150mil wide QSOP package . Available in 20pin 300mil wide SOIC package . Available in 20pin 209mil wide SSOP package Potato Semiconductor’s PO49FCT3807B is designed for world top performance using submicron CMOS technology to achieve 800MHz output frequency with less than 80ps output skew. PO49FCT3807B is a 1.65V to 3.6V CMOS 1 input to 10 Output Buffered Driver. Typical applications are clock and signal distribution. Pin Configuration Logic Block Diagram Pin Description Pin Name Description t u p n I A N I O1 to O10 Outputs . Patented technology Inputs can be driven from either 3.3V or 5V devices. This feature allows the use of these devices as translators in a mixed 3.3V/5V system environment. 11/14/06 3.3V Dual 1:10 CMOS Clock Buffered Driver Copyright © 2005-2006, Potato Semiconductor Corporation 1 PO49FCT3807B 800MHz TTL/CMOS Potato Chip |
Similar Part No. - PO49FCT3807BSU |
|
Similar Description - PO49FCT3807BSU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |