Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO49FCT3807BSU Datasheet(PDF) 7 Page - Potato Semiconductor Corporation

Part # PO49FCT3807BSU
Description  3.3V Dual 1:10 CMOS Clock Buffered Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO49FCT3807BSU Datasheet(HTML) 7 Page - Potato Semiconductor Corporation

  PO49FCT3807BSU Datasheet HTML 1Page - Potato Semiconductor Corporation PO49FCT3807BSU Datasheet HTML 2Page - Potato Semiconductor Corporation PO49FCT3807BSU Datasheet HTML 3Page - Potato Semiconductor Corporation PO49FCT3807BSU Datasheet HTML 4Page - Potato Semiconductor Corporation PO49FCT3807BSU Datasheet HTML 5Page - Potato Semiconductor Corporation PO49FCT3807BSU Datasheet HTML 6Page - Potato Semiconductor Corporation PO49FCT3807BSU Datasheet HTML 7Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
11/14/06
3.3V Dual 1:10 CMOS Clock Buffered Driver
Copyright © 2005-2006, Potato Semiconductor Corporation
7
PO49FCT3807B
800MHz TTL/CMOS Potato Chip
Ordering Information
Top-Marking
Ordering Code
Package
20pin SOIC
Tube
Pb-free & Green
20pin SOIC
Tape and reel
Pb-free & Green
PO49FCT3807BCU
PO49FCT3807BCR
PO49FCT3807BC
PO49FCT3807BC
-40°C to 85°C
-40°C to 85°C
20-pin QSOP
Tube
Pb-free & Green
20-pin QSOP
Tape and reel
Pb-free & Green
PO49FCT3807BQU
PO49FCT3807BQR
PO49FCT3807BQ
PO49FCT3807BQ
-40°C to 85°C
-40°C to 85°C
20-pin SSOP
Tube
Pb-free & Green
20-pin SSOP
Tape and reel
Pb-free & Green
PO49FCT3807BSU
PO49FCT3807BSR
PO49FCT3807BS
PO49FCT3807BS
-40°C to 85°C
-40°C to 85°C
TA


Similar Part No. - PO49FCT3807BSU

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
PO49FCT3807B POMONA-PO49FCT3807B_14 Datasheet
1Mb / 6P
   800MHz Noise Cancellation TTL/CMOS Potato Chip
More results

Similar Description - PO49FCT3807BSU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO49FCT32807 POTATO-PO49FCT32807 Datasheet
546Kb / 6P
   3.3V 1:10 CMOS Clock Buffered Driver
PO49FCT3805B POTATO-PO49FCT3805B Datasheet
660Kb / 7P
   3.3V Dual 1:5 CMOS Clock Buffered Driver
PO49FCT3804 POTATO-PO49FCT3804 Datasheet
542Kb / 6P
   3.3V Dual 1:4 CMOS Clock Buffered Driver
PO49FCT32805 POTATO-PO49FCT32805 Datasheet
564Kb / 6P
   3.3V Dual 1:5 CMOS Clock Buffered Driver
PO49FCT32806 POTATO-PO49FCT32806 Datasheet
565Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
PO49FCT3806 POTATO-PO49FCT3806 Datasheet
562Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
PO49FCT3802A POTATO-PO49FCT3802A Datasheet
566Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
PO74G553A POTATO-PO74G553A Datasheet
538Kb / 6P
   3.3V 1:4 CMOS Clock Buffered Driver
PO74G2308A POTATO-PO74G2308A Datasheet
609Kb / 7P
   3.3V 1:8 CMOS Clock Buffered Driver
PO49FCT32802G POTATO-PO49FCT32802G Datasheet
524Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com