Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO49FCT3807BCU Datasheet(PDF) 1 Page - Potato Semiconductor Corporation

Part # PO49FCT3807BCU
Description  3.3V Dual 1:10 CMOS Clock Buffered Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO49FCT3807BCU Datasheet(HTML) 1 Page - Potato Semiconductor Corporation

  PO49FCT3807BCU Datasheet HTML 1Page - Potato Semiconductor Corporation PO49FCT3807BCU Datasheet HTML 2Page - Potato Semiconductor Corporation PO49FCT3807BCU Datasheet HTML 3Page - Potato Semiconductor Corporation PO49FCT3807BCU Datasheet HTML 4Page - Potato Semiconductor Corporation PO49FCT3807BCU Datasheet HTML 5Page - Potato Semiconductor Corporation PO49FCT3807BCU Datasheet HTML 6Page - Potato Semiconductor Corporation PO49FCT3807BCU Datasheet HTML 7Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FEATURES:
DESCRIPTION:
. Operating frequency up to 800MHz with 2pf load
. Operating frequency up to 600MHz with 5pf load
. Operating frequency up to 350MHz with 15pf load
. Operating frequency up to 120MHz with 50pf load
. Very low output pin to pin skew < 80ps
. Very low pulse skew < 250ps
. VCC = 1.65V to 3.6V
. Propagation delay < 2.0 ns max with 15pf load
. Low input capacitance: 3pf typical
. 1:10 fanout
. Available in 20pin 150mil wide QSOP package
. Available in 20pin 300mil wide SOIC package
. Available in 20pin 209mil wide SSOP package
Potato Semiconductor’s PO49FCT3807B is
designed for world top performance using
submicron
CMOS
technology
to
achieve
800MHz output frequency with less than 80ps
output skew.
PO49FCT3807B is a 1.65V to 3.6V CMOS 1
input to 10 Output Buffered Driver.
Typical applications are clock and signal distribution.
Pin Configuration
Logic Block Diagram
Pin Description
Pin Name
Description
t
u
p
n
I
A
N
I
O1 to O10
Outputs
. Patented technology
Inputs can be driven from either 3.3V or 5V devices.
This feature allows the use of these devices as
translators in a mixed 3.3V/5V system environment.
11/14/06
3.3V Dual 1:10 CMOS Clock Buffered Driver
Copyright © 2005-2006, Potato Semiconductor Corporation
1
PO49FCT3807B
800MHz TTL/CMOS Potato Chip


Similar Part No. - PO49FCT3807BCU

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
PO49FCT3807B POMONA-PO49FCT3807B_14 Datasheet
1Mb / 6P
   800MHz Noise Cancellation TTL/CMOS Potato Chip
More results

Similar Description - PO49FCT3807BCU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO49FCT32807 POTATO-PO49FCT32807 Datasheet
546Kb / 6P
   3.3V 1:10 CMOS Clock Buffered Driver
PO49FCT3805B POTATO-PO49FCT3805B Datasheet
660Kb / 7P
   3.3V Dual 1:5 CMOS Clock Buffered Driver
PO49FCT3804 POTATO-PO49FCT3804 Datasheet
542Kb / 6P
   3.3V Dual 1:4 CMOS Clock Buffered Driver
PO49FCT32805 POTATO-PO49FCT32805 Datasheet
564Kb / 6P
   3.3V Dual 1:5 CMOS Clock Buffered Driver
PO49FCT32806 POTATO-PO49FCT32806 Datasheet
565Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
PO49FCT3806 POTATO-PO49FCT3806 Datasheet
562Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
PO49FCT3802A POTATO-PO49FCT3802A Datasheet
566Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
PO74G553A POTATO-PO74G553A Datasheet
538Kb / 6P
   3.3V 1:4 CMOS Clock Buffered Driver
PO74G2308A POTATO-PO74G2308A Datasheet
609Kb / 7P
   3.3V 1:8 CMOS Clock Buffered Driver
PO49FCT32802G POTATO-PO49FCT32802G Datasheet
524Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com