Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS5102 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5102
Description  DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5102 Datasheet(HTML) 3 Page - Texas Instruments

  TPS5102 Datasheet HTML 1Page - Texas Instruments TPS5102 Datasheet HTML 2Page - Texas Instruments TPS5102 Datasheet HTML 3Page - Texas Instruments TPS5102 Datasheet HTML 4Page - Texas Instruments TPS5102 Datasheet HTML 5Page - Texas Instruments TPS5102 Datasheet HTML 6Page - Texas Instruments TPS5102 Datasheet HTML 7Page - Texas Instruments TPS5102 Datasheet HTML 8Page - Texas Instruments TPS5102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
TPS5102
DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
SLVS239 - SEPTEMBER 1999
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
AVAILABLE OPTIONS
TA
PACKAGE
EVM
TSSOP(DBT)
–40
°C to 85°C
TPS5102IDBT
TPS5102EVM-135
TPS5102IDBTR
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
COMP
12
I/O
Voltage monitor comparator input
CT
5
I/O
External capacitor connection for switching frequency adjustment
FB1
2
O
CH1 error amp output
FB2
14
O
CH2 error amp output
GND
7
Control GND
INV1
1
I
CH1 inverting input
INV2
15
I
CH2 inverting input
LH1
30
I/O
CH1 boost capacitor connection
LH2
16
I/O
CH2 boost capacitor connection
LL1
28
I/O
CH1 boost circuit connection
LL2
18
I/O
CH2 boost circuit connection
OUT1_d
27
I/O
CH1 low-side gate-drive output
OUT2_d
19
O
CH2 low-side gate-drive output
OUT1_u
29
O
CH1 high-side drive output
OUT2_u
17
O
CH2 high-side drive output
OUTGND1
26
Output GND 1
OUTGND2
20
Output GND 2
PWM_SKIP
4
I
PWM/SKIP mode select
L:PWM mode
H:SKIP mode
REF
8
O
1.185-V reference voltage output
REG5V_IN
21
I
External 5-V input
RT
6
I/O
External resistor connection for switching frequency adjustment
SOFTSTART1
3
I/O
External capacitor connection for CH1soft start timing.
SOFTSTART2
13
I/O
External capacitor connection for CH2 soft start timing.
STBY1
9
I
CH1 stand-by control
STBY2
10
I
CH2 stand-by control
TRIP2
23
I
External resistor connection for CH2 over current protection.
TRIP1
25
I
External resistor connection for CH1 over current protection.
VCC
11
Supply voltage input
Vref5
22
O
5-V internal regulator output
VCC_CNTP
24
I
Supply voltage sense input


Similar Part No. - TPS5102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51020 TI-TPS51020 Datasheet
558Kb / 27P
[Old version datasheet]   DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
TPS51020DBT TI-TPS51020DBT Datasheet
558Kb / 27P
[Old version datasheet]   DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
TPS51020DBTG4 TI-TPS51020DBTG4 Datasheet
558Kb / 27P
[Old version datasheet]   DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
TPS51020DBTR TI-TPS51020DBTR Datasheet
558Kb / 27P
[Old version datasheet]   DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
TPS51020DBTRG4 TI-TPS51020DBTRG4 Datasheet
558Kb / 27P
[Old version datasheet]   DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
More results

Similar Description - TPS5102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5102 TI1-TPS5102_08 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
logo
Richtek Technology Corp...
RT8206L RICHTEK-RT8206L Datasheet
469Kb / 27P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8205L RICHTEK-RT8205L Datasheet
405Kb / 26P
   High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223P RICHTEK-RT8223P Datasheet
311Kb / 23P
   High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223N RICHTEK-RT8223N Datasheet
370Kb / 23P
   High Efficiency, Main Power Supply Controller for Notebook Computer
RT8243A RICHTEK-RT8243A Datasheet
319Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Richtek Technology Corp...
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
   High Efficiency, Main Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX1715 MAXIM-MAX1715 Datasheet
308Kb / 28P
   Ultra-High Efficiency, Dual Step-Down Controller for Notebook Computers
19-1541; Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com