Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE432L Datasheet(PDF) 4 Page - Seaward Electronics Inc.

Part # SE432L
Description  Adjustable Precision Shunt Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE432L Datasheet(HTML) 4 Page - Seaward Electronics Inc.

  SE432L Datasheet HTML 1Page - Seaward Electronics Inc. SE432L Datasheet HTML 2Page - Seaward Electronics Inc. SE432L Datasheet HTML 3Page - Seaward Electronics Inc. SE432L Datasheet HTML 4Page - Seaward Electronics Inc. SE432L Datasheet HTML 5Page - Seaward Electronics Inc. SE432L Datasheet HTML 6Page - Seaward Electronics Inc. SE432L Datasheet HTML 7Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Revision 12/4/2008
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., 2004. • www.seawardinc.com.cn • Page 4
Stability Boundary Condition
0
20
40
60
80
100
CL (uF)
VKA=VREF (1.24V)
VKA=2V
VKA=3V
The areas under the curves represent conditions that may cause the device to oscillate. For VKA = 2V and 3V
curves, R2 and VBAT were adjusted to establish the initial VKA and IK conditions with CL = 0. VBAT and CL then
were adjusted to determine the ranges of stability. As the graph suggested, SE432L is unconditional stable
with IK from 0 to 100mA and with CL from 0.001uF to 1uF.


Similar Part No. - SE432L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Seaward Electronics Inc...
SE431D SEAWARD-SE431D Datasheet
304Kb / 8P
   Adjustable Precision Shunt Regulator
SE431D SEAWARD-SE431D_14 Datasheet
365Kb / 8P
   Adjustable Precision Shunt Regulator
More results

Similar Description - SE432L

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com