Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO49FCT1816P Datasheet(PDF) 1 Page - Potato Semiconductor Corporation

Part # PO49FCT1816P
Description  4X1:4 CMOS Clock Buffered Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO49FCT1816P Datasheet(HTML) 1 Page - Potato Semiconductor Corporation

  PO49FCT1816P Datasheet HTML 1Page - Potato Semiconductor Corporation PO49FCT1816P Datasheet HTML 2Page - Potato Semiconductor Corporation PO49FCT1816P Datasheet HTML 3Page - Potato Semiconductor Corporation PO49FCT1816P Datasheet HTML 4Page - Potato Semiconductor Corporation PO49FCT1816P Datasheet HTML 5Page - Potato Semiconductor Corporation PO49FCT1816P Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES:
DESCRIPTION:
. Patented technology
. Operating frequency up to 500MHz with 2pf load
. Operating frequency up to 400MHz with 5pf load
. Operating frequency up to 250MHz with 50pf load
. Very low output pin to pin skew < 100ps
. Very low pulse skew < 300ps
. VCC = 1.65V to 3.6V
. Propagation delay < 2.5ns max with 50pf load
. Low input capacitance: 3pf typical
. 4x1:4 fanout
. Available in 28pin 50mil PLCC package
Potato Semiconductor’s PO49FCT1816G is
designed for world top performance using
submicron
CMOS
technology
to
achieve
500MHz TTL output frequency with less than
100ps output pin to pin skew.
PO49FCT1816G is a 1.65V to 3.3V CMOS 1
input to 4 outputs Buffered driver in 4 groups to
achieve 500MHz output frequency. Typical
applications are clock and signal distribution.
Pin Configuration
Logic Block Diagram
Pin Description
Pin Name
Description
INA, INB, INC, IND
Inputs
A[0-3], B[0-3], C[0-3], D[0-3]
Outputs
11/22/05
4X1:4 CMOS Clock Buffered Driver
Copyright © 2005, Potato Semiconductor Corporation
1
PO49FCT1816
500MHz TTL/CMOS Potato Chip


Similar Part No. - PO49FCT1816P

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO49FCT32802G POTATO-PO49FCT32802G Datasheet
524Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
logo
Pomona Electronics
PO49FCT32802G POMONA-PO49FCT32802G_14 Datasheet
1Mb / 6P
   1GHz TTL/CMOS Potato Chip
logo
Potato Semiconductor Co...
PO49FCT32802Q POTATO-PO49FCT32802Q Datasheet
524Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
PO49FCT32802T POTATO-PO49FCT32802T Datasheet
524Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
PO49FCT32803 POTATO-PO49FCT32803 Datasheet
549Kb / 6P
   3.3V 1:7 CMOS Clock Buffered Driver
More results

Similar Description - PO49FCT1816P

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G553A POTATO-PO74G553A Datasheet
538Kb / 6P
   3.3V 1:4 CMOS Clock Buffered Driver
PO74G304A POTATO-PO74G304A Datasheet
584Kb / 6P
   3.3V 1:4 CMOS Clock Buffered Driver
PO49FCT3804 POTATO-PO49FCT3804 Datasheet
542Kb / 6P
   3.3V Dual 1:4 CMOS Clock Buffered Driver
PO49FCT32802G POTATO-PO49FCT32802G Datasheet
524Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
PO74G2309A POTATO-PO74G2309A Datasheet
554Kb / 6P
   3.3V 1:9 CMOS Clock Buffered Driver
PO49FCT3802A POTATO-PO49FCT3802A Datasheet
566Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
PO74G2308A POTATO-PO74G2308A Datasheet
609Kb / 7P
   3.3V 1:8 CMOS Clock Buffered Driver
PO74G2305A POTATO-PO74G2305A Datasheet
394Kb / 5P
   3.3V 1:5 CMOS Clock Buffered Driver
PO49FCT32807 POTATO-PO49FCT32807 Datasheet
546Kb / 6P
   3.3V 1:10 CMOS Clock Buffered Driver
PO49FCT32803 POTATO-PO49FCT32803 Datasheet
549Kb / 6P
   3.3V 1:7 CMOS Clock Buffered Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com