Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE78L05D Datasheet(PDF) 2 Page - Seaward Electronics Inc.

Part # SE78L05D
Description  5V Positive Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE78L05D Datasheet(HTML) 2 Page - Seaward Electronics Inc.

  SE78L05D Datasheet HTML 1Page - Seaward Electronics Inc. SE78L05D Datasheet HTML 2Page - Seaward Electronics Inc. SE78L05D Datasheet HTML 3Page - Seaward Electronics Inc. SE78L05D Datasheet HTML 4Page - Seaward Electronics Inc. SE78L05D Datasheet HTML 5Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Revision 12/4/2008
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., 2004. • www.seawardinc.com.cn • Page 2
5V Positive Voltage
Regulator (Preliminary)
SE78L05D
Absolute Maximum Rating
Parameter
Symbol
Maximum
Units
Power dissipation
P
0.75
W
Input Voltage
VIN
18
V
Operating Junction Temperature
Range
TJ
0 to +125
°C
Thermal Resistance
θJA
150 (TO-92)
°C/W
Lead Temperature (Soldering) 10
seconds
TLEAD
260
°C
Storage Temperature
TSTG
-65 to +150
°C
ESD (HBM) Susceptibility
VESD
2.7
KV
Electrical Characteristics
VIN = 8V; IOUT = 10mA; CIN = 0.33μF; TJ = 25°C; unless otherwise specified
SE78L05D
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VO
Output Voltage
4.8
5
5.2
V
ΔVO
Line Regulation
7V ≤ VIN ≤ 18V
--
20
100
ΔVO
Load Regulation
1mA ≤ IO ≤ 100mA
--
20
100
mV
IQ
Quiescent Current
--
0.5
1
8V ≤ VIN ≤ 18V
--
0.2
--
ΔIQ
Quiescent Current Change
1mA ≤ IO ≤ 100mA
--
0.01
--
mA
ΔVIN /ΔVOUT
Ripple Rejection
f =120Hz,
CIN=COUT=0.33uF
8V ≤ VIN ≤ 16V
--
52.5
--
dB
IPK
Peak Output Current
100
150
--
mA
ΔVO/ΔT
Average Output Voltage
Tempco
IO = 10mA
--
0.20
--
mV/°C
VIN (Min)
Minimum Value of Input
Voltage Required to Maintain
Line Regulation
IO = 10mA
--
6.2
6.5
V


Similar Part No. - SE78L05D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SE78L05 ETC-SE78L05 Datasheet
164Kb / 5P
   5V POSITIVE VOLTAGE REGULATOR
More results

Similar Description - SE78L05D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SE78L05 ETC-SE78L05 Datasheet
164Kb / 5P
   5V POSITIVE VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE78L05S ACE-ACE78L05S Datasheet
409Kb / 6P
   5V 3-Terminal Positive Voltage Regulator
VER1.2
logo
Fairchild Semiconductor
MC78L05AB FAIRCHILD-MC78L05AB_12 Datasheet
51Kb / 6P
   3-Terminal 0.1A 5V Positive Voltage Regulator
logo
NTE Electronics
NTE1934X NTE-NTE1934X Datasheet
21Kb / 2P
   Integrated Circuit Positive Voltage Regulator, 5V, 2A
logo
Fairchild Semiconductor
KA78L05AI FAIRCHILD-KA78L05AI Datasheet
59Kb / 6P
   3-Terminal 0.1A 5V Positive Voltage Regulator
logo
NTE Electronics
NTE1934 NTE-NTE1934 Datasheet
22Kb / 2P
   Integrated Circuit Positive Voltage Regulator, 5V, 2A
logo
Fairchild Semiconductor
MC78L05AB FAIRCHILD-MC78L05AB Datasheet
38Kb / 6P
   3-Terminal 0.1A 5V Positive Voltage Regulator
logo
NTE Electronics
NTE960 NTE-NTE960 Datasheet
25Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator, 5V
NTE931 NTE-NTE931 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator 5V, 3A
NTE932 NTE-NTE932 Datasheet
25Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator 5V, 5A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com