Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE5509ALG-LF Datasheet(PDF) 2 Page - Seaward Electronics Inc.

Part # SE5509ALG-LF
Description  300mA Low Power Low Noise LDO CMOS Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE5509ALG-LF Datasheet(HTML) 2 Page - Seaward Electronics Inc.

  SE5509ALG-LF Datasheet HTML 1Page - Seaward Electronics Inc. SE5509ALG-LF Datasheet HTML 2Page - Seaward Electronics Inc. SE5509ALG-LF Datasheet HTML 3Page - Seaward Electronics Inc. SE5509ALG-LF Datasheet HTML 4Page - Seaward Electronics Inc. SE5509ALG-LF Datasheet HTML 5Page - Seaward Electronics Inc. SE5509ALG-LF Datasheet HTML 6Page - Seaward Electronics Inc. SE5509ALG-LF Datasheet HTML 7Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Revision 12/5/2008
Preliminary and all contents are subject to change without prior notice
© Seaward Electronics Inc., 2006. • www.seawardinc.com.cn • Page 2
300mA Low Power Low Noise
LDO CMOS Voltage Regulator
SE5509
Absolute Maximum Rating
(1)
Parameter
Symbol
Value
Units
Input Voltage
VIN
6
V
Enable Voltage
VEN
-0.3 to VIN
V
Output Voltage
VOUT
-0.3 to 4.6
V
Power Dissipation
PD
Internally Limited
(3)
Output Short Circuit Duration
Infinite
Thermal Resistance, Junction-to-Ambient
ΘJA
230
°C/W
Lead Temperature (Soldering, 5 sec.)
260
°C
Junction Temperature
TJ
0 to +150
°C
Storage Temperature
TS
-40 to +150
°C
Operating Rating
(2)
Parameter
Symbol
Value
Units
Supply Input Voltage Range
VIN
5.5
V
Junction Temperature Range
TJ
0 to +125
°C
Electrical Characteristics
VIN = 5V; VEN=VIN; CIN = 2.2μF; COUT = 2.2μF; IOUT = 10mA; TJ = 25°C; unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOUT
Output Voltage
Accuracy
SE5509 – 1.5 (VIN=1.8V)
SE5509 – 1.8 (VIN=3.3V)
SE5509 – 2.5
SE5509 – 2.8
SE5509 – 3.0
SE5509 – 3.3
1.470
1.764
2.450
2.744
2.940
3.234
1.5
1.8
2.5
2.8
3.0
3.3
1.530
1.836
2.550
2.856
3.060
3.366
V
ΔVOUT
Line Regulation
VIN = (VOUT + 0.8)V to 5.5V
--
0.2
--
%/V
ΔVOUT
Load Regulation
(5)
VIN = (VOUT + 0.8)V or 2.5V
IOUT = 10mA to 300mA
--
2.0
--
%
Ordering/Marking Information
Package
Ordering Information
Marking Information
3.3V
SE5509ALG-LF 509Alz
2.8V
SE5509BLG-LF 509BLz
2.5V
SE5509CLG-LF 509CLz
1.8V
SE5509DLG-LF 509DLz
1.5V
SE5509ELG-LF 509ELz
5
1
2
3
4
SOT-23-5L / TSOP-5
(Top View)
VIN
VOUT
BYPASS
GND
ENABLE
3.0V
SE5509FLG-LF
509FLz
Starting with 9, a bar on top of 9 is for production
year 2005, and underlined 9 is for year 2006. The
naming
pattern
continues
with
consecutive
characters for later years.
The last character is the week code. (
A-Z: 1-26,
a-z: 27-52)
A dot on top right corner is for lead-free process.
LF: lead free.


Similar Part No. - SE5509ALG-LF

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE5509B SEAWARD-SE5509B Datasheet
215Kb / 7P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
SE5509BALG-LF SEAWARD-SE5509BALG-LF Datasheet
215Kb / 7P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
SE5509BBLG-LF SEAWARD-SE5509BBLG-LF Datasheet
215Kb / 7P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
SE5509BCLG-LF SEAWARD-SE5509BCLG-LF Datasheet
215Kb / 7P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
SE5509BDLG-LF SEAWARD-SE5509BDLG-LF Datasheet
215Kb / 7P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
More results

Similar Description - SE5509ALG-LF

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE5509B SEAWARD-SE5509B Datasheet
215Kb / 7P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
logo
E-CMOS Corporation
EC49509 E-CMOS-EC49509 Datasheet
319Kb / 8P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
logo
Microsemi Corporation
LX8213 MICROSEMI-LX8213 Datasheet
320Kb / 11P
   300mA Low Noise CMOS LDO Regulator
logo
Global Mixed-mode Techn...
AT1203 GMT-AT1203 Datasheet
199Kb / 2P
   Low Noise, 300mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5169 SEAWARD-SE5169 Datasheet
289Kb / 8P
   300mA CMOS Low Power LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5214 TSC-TS5214 Datasheet
315Kb / 7P
   300mA Low Noise LDO Voltage Regulator
TS5214 TSC-TS5214_08 Datasheet
436Kb / 8P
   300mA Low Noise LDO Voltage Regulator
logo
TECH PUBLIC Electronics...
TPRT9193-29GB TECHPUBLIC-TPRT9193-29GB Datasheet
1Mb / 5P
   300mA,Ultra-Low Noise, CMOS LDO Regulator
TPBL9198-33BAPRN TECHPUBLIC-TPBL9198-33BAPRN Datasheet
1Mb / 5P
   300mA,Ultra-Low Noise, CMOS LDO Regulator
TPBL9198-18BAPRN TECHPUBLIC-TPBL9198-18BAPRN Datasheet
1Mb / 5P
   300mA,Ultra-Low Noise, CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com