Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE5169ALG-LF Datasheet(PDF) 5 Page - Seaward Electronics Inc.

Part # SE5169ALG-LF
Description  300mA CMOS Low Power LDO Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE5169ALG-LF Datasheet(HTML) 5 Page - Seaward Electronics Inc.

  SE5169ALG-LF Datasheet HTML 1Page - Seaward Electronics Inc. SE5169ALG-LF Datasheet HTML 2Page - Seaward Electronics Inc. SE5169ALG-LF Datasheet HTML 3Page - Seaward Electronics Inc. SE5169ALG-LF Datasheet HTML 4Page - Seaward Electronics Inc. SE5169ALG-LF Datasheet HTML 5Page - Seaward Electronics Inc. SE5169ALG-LF Datasheet HTML 6Page - Seaward Electronics Inc. SE5169ALG-LF Datasheet HTML 7Page - Seaward Electronics Inc. SE5169ALG-LF Datasheet HTML 8Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Revision 12/4/2008
Preliminary and all contents are subject to change without prior notice
© Seaward Electronics Inc., 2006. • www.seawardinc.com.cn • Page 5
Line Regulation
(IOUT=10mA)
3.15
3.20
3.25
3.30
3.35
3.40
3.60
4.10
4.60
5.10
VIN (V)
Load Regulation
(VIN=4.3V)
3.15
3.20
3.25
3.30
3.35
3.40
0
100
200
300
400
IOUT (mA)
IQ VS. IOUT(VOUT=3.3V)
20
22
24
26
28
30
32
0
50
100
150
200
250
300
350
IOUT (mA)
IQ VS. VIN(VOUT=3.3V)
25.0
25.5
26.0
26.5
27.0
27.5
3.6
4.0
4.4
4.8
5.2
5.6
VIN (V)
Input Transient Response (VOUT = 3.3V)
(VIN=3.6V to 5.0V)
Load Transient Response (VOUT = 3.3V)
(IOUT=10mA to 300mA)


Similar Part No. - SE5169ALG-LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SE5166 ETC1-SE5166 Datasheet
153Kb / 7P
   150mA CMOS LDO Regulator(Preliminary)
SE5166AHG ETC1-SE5166AHG Datasheet
153Kb / 7P
   150mA CMOS LDO Regulator(Preliminary)
SE5166AHN ETC1-SE5166AHN Datasheet
153Kb / 7P
   150mA CMOS LDO Regulator(Preliminary)
SE5166ALG ETC1-SE5166ALG Datasheet
153Kb / 7P
   150mA CMOS LDO Regulator(Preliminary)
SE5166ALN ETC1-SE5166ALN Datasheet
153Kb / 7P
   150mA CMOS LDO Regulator(Preliminary)
More results

Similar Description - SE5169ALG-LF

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE5509 SEAWARD-SE5509 Datasheet
220Kb / 7P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
SE5509B SEAWARD-SE5509B Datasheet
215Kb / 7P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
logo
E-CMOS Corporation
EC49509 E-CMOS-EC49509 Datasheet
319Kb / 8P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Technology Corporat...
ELM88121AA-S ELM-TECH-ELM88121AA-S Datasheet
204Kb / 21P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167 Datasheet
297Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Electronics
ELM88 ELM-ELM88 Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com