Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE5167FLG-LF Datasheet(PDF) 4 Page - Seaward Electronics Inc.

Part # SE5167FLG-LF
Description  300mA CMOS LDO Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE5167FLG-LF Datasheet(HTML) 4 Page - Seaward Electronics Inc.

  SE5167FLG-LF Datasheet HTML 1Page - Seaward Electronics Inc. SE5167FLG-LF Datasheet HTML 2Page - Seaward Electronics Inc. SE5167FLG-LF Datasheet HTML 3Page - Seaward Electronics Inc. SE5167FLG-LF Datasheet HTML 4Page - Seaward Electronics Inc. SE5167FLG-LF Datasheet HTML 5Page - Seaward Electronics Inc. SE5167FLG-LF Datasheet HTML 6Page - Seaward Electronics Inc. SE5167FLG-LF Datasheet HTML 7Page - Seaward Electronics Inc. SE5167FLG-LF Datasheet HTML 8Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Revision 12/5/2008
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., 2006. • www.seawardinc.com.cn • Page 4
Typical Application
Note 1:
Exceeding the absolute maximum rating may damage the device.
Note 2:
The device is not guaranteed to function outside its operating rating.
Note 3:
The maximum allowable power dissipation at any TA (ambient temperature) is calculated using: PD(MAX) = (TJ(MAX)
- TA)/θJA. Exceeding the maximum allowable power dissipation will result in excessive die temperature, and the
regulator will go into thermal shutdown. See Table 1 and the “Thermal Considerations” section for details.
Note 4:
Output voltage temperature coefficient is the worst-case voltage change divided by the total temperature range.
Note 5:
Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for
load regulation in the load range from 100μA to 300mA. Changes in output voltage due to heating effects are
covered by the thermal regulation specification.
Note 6:
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its
nominal value measured at 1V differential.
Note 7:
The Cin or Cout should be chosen carefully. Please refer to the Application Hints


Similar Part No. - SE5167FLG-LF

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE5167FLG-LF SEAWARD-SE5167FLG-LF Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
More results

Similar Description - SE5167FLG-LF

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Technology Corporat...
ELM88121AA-S ELM-TECH-ELM88121AA-S Datasheet
204Kb / 21P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM88 ELM-ELM88 Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM88-SERIES ELM-TECH-ELM88-SERIES Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
ELM88 ELM-TECH-ELM88 Datasheet
2Mb / 21P
   CMOS 300mA LDO Voltage regulator
ELM89121BC-S ELM-TECH-ELM89121BC-S_1 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
List of Unclassifed Man...
GS2911 ETC1-GS2911 Datasheet
338Kb / 11P
   300mA CMOS Positive LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com