Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE5167ELG-LF Datasheet(PDF) 5 Page - Seaward Electronics Inc.

Part # SE5167ELG-LF
Description  300mA CMOS LDO Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE5167ELG-LF Datasheet(HTML) 5 Page - Seaward Electronics Inc.

  SE5167ELG-LF Datasheet HTML 1Page - Seaward Electronics Inc. SE5167ELG-LF Datasheet HTML 2Page - Seaward Electronics Inc. SE5167ELG-LF Datasheet HTML 3Page - Seaward Electronics Inc. SE5167ELG-LF Datasheet HTML 4Page - Seaward Electronics Inc. SE5167ELG-LF Datasheet HTML 5Page - Seaward Electronics Inc. SE5167ELG-LF Datasheet HTML 6Page - Seaward Electronics Inc. SE5167ELG-LF Datasheet HTML 7Page - Seaward Electronics Inc. SE5167ELG-LF Datasheet HTML 8Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Revision 12/5/2008
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., 2006. • www.seawardinc.com.cn • Page 5
Line Regulation (VOUT = 3.3V)
(VIN = 4.3V to 6V, IOUT = 1mA)
3.0000
3.1000
3.2000
3.3000
3.4000
3.5000
3.6000
4.2
4.7
5.2
5.7
VIN (V)
Load Regulation (VOUT = 3.3V)
(VIN = 5V, IOUT = 1mA to 500mA)
3.000
3.100
3.200
3.300
3.400
3.500
3.600
0
100
200
300
400
500
IOUT (mA)
Output Voltage vs Temperature
(VIN = 5V, IOUT = 10mA)
3.270
3.280
3.290
3.300
3.310
3.320
3.330
0
20
40
60
80
100
120
Temperature (C)
IQ vs IOUT (VOUT = 3.3V)
(VIN = 5V, IOUT = 10mA to 500mA)
0
20
40
60
80
100
120
140
160
0
100
200
300
400
500
IOUT (mA)
PSRR (VOUT = 3.3)
(VIN = 5V, VPP = 1V)
0
10
20
30
40
50
60
70
100
1000
10000
Frequency (Hz)
Transient Response (VOUT = 1.5V)
(IOUT = 1mA to 150mA)


Similar Part No. - SE5167ELG-LF

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE5167ELG-LF SEAWARD-SE5167ELG-LF Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
More results

Similar Description - SE5167ELG-LF

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Technology Corporat...
ELM88121AA-S ELM-TECH-ELM88121AA-S Datasheet
204Kb / 21P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM88 ELM-ELM88 Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM88-SERIES ELM-TECH-ELM88-SERIES Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
ELM88 ELM-TECH-ELM88 Datasheet
2Mb / 21P
   CMOS 300mA LDO Voltage regulator
ELM89121BC-S ELM-TECH-ELM89121BC-S_1 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
List of Unclassifed Man...
GS2911 ETC1-GS2911 Datasheet
338Kb / 11P
   300mA CMOS Positive LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com