Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO3B16244ATR Datasheet(PDF) 1 Page - Potato Semiconductor Corporation

Part # PO3B16244ATR
Description  16-Bit, 4-Port Bus Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO3B16244ATR Datasheet(HTML) 1 Page - Potato Semiconductor Corporation

  PO3B16244ATR Datasheet HTML 1Page - Potato Semiconductor Corporation PO3B16244ATR Datasheet HTML 2Page - Potato Semiconductor Corporation PO3B16244ATR Datasheet HTML 3Page - Potato Semiconductor Corporation PO3B16244ATR Datasheet HTML 4Page - Potato Semiconductor Corporation PO3B16244ATR Datasheet HTML 5Page - Potato Semiconductor Corporation PO3B16244ATR Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES:
DESCRIPTION:
• Patented technology
• High signal -3db passing bandwidth at 1.1GHz
• Near-Zero propagation delay
• VCC = 1.65V to 3.6V
• Ultra-Low Quiescent Power: 0.1µA typical
• Ideally suited for low power applications
• Industrial operating temperature: -40
°C to +85°C
• Available in 48 pin TSSOP package
Potato Semiconductor’s PO3B16244A is
designed for world top performance using
submicron CMOS technology to achieve GHz
high bandwidth.
The PO3B16244A is a 16-Bit, 4-Port Bus Switch.
The switch introduces no additional ground
bounce noise or propagation delay.
Pin Configuration
Block Diagram
Truth Table
03/16/08
16-Bit, 4-Port Bus Switch
Copyright © Potato Semiconductor Corporation
1
PO3B16244A
High Bandwidth Potato Chip
2
BE
1
BE
1
B1
1
B0
1
A1
1
A0
1
B1
1
B0
1
A3
1
A2
2
B1
2
B0
2
A1
2
A0
2
B3
2
B2
2
A3
2
A2
4
BE
3
BE
3
B1
3
B0
3
A1
3
A0
3
B1
3
B0
3
A3
3
A2
4
B1
4
B0
4
A1
4
A0
4
B3
4
B2
4
A3
4
A2
B
A
BE
SW
SW
SW
SW
SW
SW
SW
SW
SW
SW
SW
SW
SW
SW
SW
SW
SW
1
BE
1
1
B0
2
1
B1
3
GND
4
1
B2
5
1
B3
6
VCC
7
2
B0
8
2
B1
9
GND
10
2
B2
11
2
B3
12
3
B0
13
3
B1
14
GND
15
3
B2
16
3
B3
17
VCC
18
4
B0
19
4
B1
20
GND
21
4
B2
22
4
B3
23
4
BE
24
2
BE
48
1
A0
47
1
A1
46
GND
45
1
A2
44
1
A3
43
VCC
42
2
A0
41
2
A1
40
GND
39
2
A2
38
2
A3
37
3
A0
36
3
A1
35
GND
34
3
A2
33
3
A3
32
VCC
31
4
A0
30
4
A1
29
GND
28
4
A2
27
4
A3
26
3
BE
25
n
o
i
t
c
n
u
E
F
B
n
7
-
0
A
n
t
c
e
n
n
o
c
s
i
Z
H
D
-
i
H
t
c
e
n
n
o
C
L
7
-
0
B
n


Similar Part No. - PO3B16244ATR

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B16244A POTATO-PO3B16244A_14 Datasheet
1Mb / 5P
   16-Bit, 4-Port Bus Switch
More results

Similar Description - PO3B16244ATR

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B16244A POTATO-PO3B16244A_14 Datasheet
1Mb / 5P
   16-Bit, 4-Port Bus Switch
PO3B16245A POTATO-PO3B16245A_14 Datasheet
1Mb / 5P
   16-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C16245AX PERICOM-PI5C16245AX Datasheet
238Kb / 6P
   16-Bit, 2-Port Bus Switch
PI5C16245 PERICOM-PI5C16245 Datasheet
195Kb / 5P
   16-Bit, 2-Port Bus Switch
logo
Potato Semiconductor Co...
PO3B16245A POTATO-PO3B16245A Datasheet
551Kb / 6P
   16-Bit, 2-Port Bus Switch
logo
ON Semiconductor
74FST3400 ONSEMI-74FST3400 Datasheet
96Kb / 8P
   4-Bit, 4-Port Bus Exchange Switch
January, 2005 ??Rev. 5
logo
Pericom Semiconductor C...
PI5C3400 PERICOM-PI5C3400 Datasheet
56Kb / 3P
   4-Bit, 4-Port Bus Exchange Switch
PI5C3383 PERICOM-PI5C3383 Datasheet
399Kb / 5P
   5-Bit, 4-Port Bus Exchange Switch
logo
Integrated Device Techn...
IDT74FST163245 IDT-IDT74FST163245 Datasheet
85Kb / 6P
   16-BIT BUS SWITCH
logo
Fairchild Semiconductor
FST16245 FAIRCHILD-FST16245 Datasheet
182Kb / 4P
   16-Bit Bus Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com