Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SE5121 Datasheet(PDF) 5 Page - Seaward Electronics Inc.

Part No. SE5121
Description  600mA CMOS Low Power Low Noise LDO Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEAWARD [Seaward Electronics Inc.]
Homepage  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE5121 Datasheet(HTML) 5 Page - Seaward Electronics Inc.

  SE5121 Datasheet HTML 1Page - Seaward Electronics Inc. SE5121 Datasheet HTML 2Page - Seaward Electronics Inc. SE5121 Datasheet HTML 3Page - Seaward Electronics Inc. SE5121 Datasheet HTML 4Page - Seaward Electronics Inc. SE5121 Datasheet HTML 5Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Revision 12/4/2008
Preliminary and all contents are subject to change without prior notice
© Seaward Electronics Inc., 2005. • www.seawardinc.com.cn • Page 5
600mA CMOS Low Power Low
Noise LDO Voltage Regulator
SE5121
OUTLINE DRAWING SOT-89-3L
Customer Support
Seaward Electronics Incorporated – China
Section B, 2nd Floor, ShangDi Scientific Office Complex, #22 XinXi Road
Haidian District, Beijing 100085, China
Tel: 86-10-8289-5700/01/05
Fax: 86-10-8289-5706
Seaward Electronics Corporation – Taiwan
2F, #181, Sec. 3, Minquan East Rd,
Taipei, Taiwan R.O.C
Tel: 886-2-2712-0307
Fax: 886-2-2712-0191
Seaward Electronics Incorporated – North America
1512 Centre Pointe Dr.
Milpitas, CA95035, USA
Tel: 1-408-821-6600
Last Updated - 12/4/2008
A
C
D
G
H
I
J
K
L
SOT-89
MIN
MAX
MIN
MAX
A
0.173
0.181
4.400
4.600
B
0.159
0.167
4.050
4.250
C
0.067
0.075
1.700
1.900
D
0.051
0.059
1.300
1.500
E
0.094
0.102
2.400
2.600
F
0.035
0.047
0.890
1.200
G
H
I
0.016
0.020
0.400
0.520
J
0.055
0.063
1.400
1.600
K
0.014
0.016
0.350
0.410
L
M
3.00REF
1.50REF
0.118REF
0.059REF
0.70REF
10°TYP
0.028REF
10°TYP
DIM
N
INCHES
MM
DIMENSIONS


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn