Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO3B341ATU Datasheet(PDF) 1 Page - Potato Semiconductor Corporation

Part # PO3B341ATU
Description  High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO3B341ATU Datasheet(HTML) 1 Page - Potato Semiconductor Corporation

  PO3B341ATU Datasheet HTML 1Page - Potato Semiconductor Corporation PO3B341ATU Datasheet HTML 2Page - Potato Semiconductor Corporation PO3B341ATU Datasheet HTML 3Page - Potato Semiconductor Corporation PO3B341ATU Datasheet HTML 4Page - Potato Semiconductor Corporation PO3B341ATU Datasheet HTML 5Page - Potato Semiconductor Corporation PO3B341ATU Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES:
DESCRIPTION:
• Patented technology
• High signal -3db passing bandwidth at 700 MHz
• Near-Zero propagation delay
• VCC = 1.65V to 3.6V
• Ultra-Low Quiescent Power: 0.1µA typical
• Ideally suited for low power applications
• Industrial operating temperature: -40
°C to +85°C
• Available in 24pin QSOP package
• Available in 24pin TSSOP package
Potato Semiconductor’s PO3B341A is
designed for world top performance using
submicron CMOS technology to achieve GHz
high bandwidth.
The PO3B341A is a High-Bandwidth 3-Port,
4:1 Mux/DeMux Video Switch.
The switch introduces no additional ground
bounce noise or propagation delay.
Pin Configuration
Block Diagram
Pin Description
Truth Table
EN
I
C1
I
A2
I
A1
I
A0
YA
YA
S1
S1
I
C3
I
C2
GND
GND
Vcc
Vcc
Vcc
I
B3
I
B2
I
B1
I
B0
YB
YB
GND
S0
S0
Yc
Yc
I
C0
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
EN
I
A3
Pin Name
Description
IAN, IBN
Data Inputs
S0, S1
Select Inputs
EN
Enable
YA to YC
Data Outputs
GND
Ground
VCC
Power
Enable
Select
EN
S1
S0
YN
Function
H
X
X
Hi-Z
Disable
L
L
L
IN0
S1-S0 = 0
L
L
H
IN1
S1-S0 = 1
L
H
L
IN2
S1-S0 = 2
L
H
H
IN3
S1-S0 = 3
I
C1
I
A2
I
A1
I
A0
I
C3
I
C2
I
B3
I
B2
I
B1
I
B0
I
C0
I
A3
10/28/07
High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
Copyright © Potato Semiconductor Corporation
1
PO3B341A
High Bandwidth Potato Chip


Similar Part No. - PO3B341ATU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B341A POTATO-PO3B341A_14 Datasheet
1Mb / 6P
   High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
More results

Similar Description - PO3B341ATU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B341A POTATO-PO3B341A_14 Datasheet
1Mb / 6P
   High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
logo
Pericom Semiconductor C...
PI3V341 PERICOM-PI3V341 Datasheet
629Kb / 10P
   Low On-Resistance, 3.3V High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
logo
Potato Semiconductor Co...
PO3B512A POTATO-PO3B512A_14 Datasheet
1Mb / 5P
   Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
PO3B512A POTATO-PO3B512A Datasheet
552Kb / 6P
   Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
logo
Pericom Semiconductor C...
PI3V314 PERICOM-PI3V314 Datasheet
348Kb / 10P
   Low On-Resistance, 3.3V High-Bandwidth 3-Port, 4:1 Mux/DeMux VideoSwitch
PI5C3309 PERICOM-PI5C3309_12 Datasheet
564Kb / 4P
   3:1 Mux/DeMux Bus Switch
PI5C3309 PERICOM-PI5C3309 Datasheet
52Kb / 3P
   3:1 Mux/Demux Bus Switch
logo
M/A-COM Technology Solu...
M20001-BRF-001-A MA-COM-M20001-BRF-001-A Datasheet
193Kb / 2P
   High Bandwidth Dual 2:1 Mux/DeMux Passive Switch
M20001-BRF-001-A MA-COM-M20001-BRF-001-A_15 Datasheet
193Kb / 2P
   High Bandwidth Dual 2:1 Mux/DeMux Passive Switch
logo
Pericom Semiconductor C...
PI3DBV40 PERICOM-PI3DBV40 Datasheet
424Kb / 8P
   3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux Video Switch with Single Enable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com