Electronic Components Datasheet Search |
|
PO3B14A Datasheet(PDF) 3 Page - Potato Semiconductor Corporation |
|
PO3B14A Datasheet(HTML) 3 Page - Potato Semiconductor Corporation |
3 / 6 page Power Supply Characteristics Symbol Description Test Conditions (1) Min Typ Max Unit Icc Quiescent Power Supply Current Vcc=Max, Vin=Vcc or GND - 0.1 3 uA Notes: 1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at Vcc = 3.3V, 25 °C ambient. 3. This parameter is guaranteed but not tested. 4. Not more than one output should be shorted at one time. Duration of the test should not exceed one second. 5. VoH = Vcc – 0.6V at rated current Capacitance Notes: 1 This parameter is determined by device characterization but not production tested. Copyright © Potato Semiconductor Corporation 3 (TA = 25°C f = 1 MHz) Parameters Description Test Conditions Typ. Units CIN Input Capacitance VIN = 0V 3.0 pF COFF(IN) In Capacitance, Switch Off 3.5 COFF(Y) Y Capacitance, Switch Off 6.5 CON Y/In Capacitance, Switch On 10.0 Switching Characteristics over 3.3V Operating Range Parameters Description Conditions Units Max. tPLH tPHL See Test Diagram 0.3 ns tPZH tPZL See Test Diagram 2.0 tPHZ tPLZ 3.0 Dynamic Electrical Characteristics Over the Operating Range (TA = -40º to +85º, VCC = 3.3V ± 10%) Parameter Description Test Condition Typ. Units XTALK Crosstalk RL = 100Ω -60 dB OIRR Off-Isolation RL = 100Ω -60 BW -3dB Bandwidth RL = 100Ω 1.2 GHz 10/09/07 4:1 Mux/DeMux with Single Enable PO3B14A High Bandwidth Potato Chip Propogation Delay Bus Enable Time Bus Disable Time |
Similar Part No. - PO3B14A |
|
Similar Description - PO3B14A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |