Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL16C-WCG43Z Datasheet(PDF) 1 Page - P-tec Corporation

Part # PL16C-WCG43Z
Description  5mm T1쩐 Ultra Bright Pure Green LED
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PL16C-WCG43Z Datasheet(HTML) 1 Page - P-tec Corporation

  PL16C-WCG43Z Datasheet HTML 1Page - P-tec Corporation PL16C-WCG43Z Datasheet HTML 2Page - P-tec Corporation PL16C-WCG43Z Datasheet HTML 3Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Absolute Maximum Ratings at TA = 25°C
Power Dissipation …………………………………………………………………….……… 120mW
Reverse Voltage (<100µA) …….……………...………………………………………………….. 5.0V
Max Forward Current …………..………………..……………………………………………. 30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width) ....…………………………………..... 100mA
Operating Temperature Range ……………………………………………………… - 25°C to +85°C
Storage Temperature Range ………….……………………………………………. - 40°C to +100°C
Soldering Temperature (1.6mm below body) ……………………………………..… 260°C for 5 seconds
Electronic Static Discharge………………………………………………………………….…. 6000V
PL16 Series 5mm T1¾ Ultra Bright Pure Green LED
Features
*Popular 5mm Lens Style with
Flange
*High Light Output
*Narrow Viewing Angle
*Low Current Requirements
*Integrated Zener Diode
for ESD protection
*RoHS Compliant
All dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified. An epoxy meniscus may extend about 1mm down the leads.
Electrical & Optical Characteristics at TA = 25°C
Part Number
Dominant
Wave
Length
View
Angle
2
θ ½
Forward Voltage
@20mA (V)
Luminous Intensity
@20mA (mcd)
Water Clear Lens
Material
Emitting Color
nm
Deg
Typ
Max
Min
Typ
PL16C-WCG43Z
InGaN/SiC
True Green
520
15°
3.2
4.0
2750
7500
LED Chip
8.7
5.0
24.0Min.
1.5typ.
2.54 ±0.1
1.0
0.5 Square
5.9
Anode
Tel:(800)688-0613
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101
09.14.06 Rev 1 RS


Similar Part No. - PL16C-WCG43Z

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL16C-WCG01Z P-TEC-PL16C-WCG01Z Datasheet
30Kb / 1P
   5mm (T1쩐) Ultra Bright Turquoise LED
PL16C-WCG01Z P-TEC-PL16C-WCG01Z Datasheet
30Kb / 1P
   5MM T1 3/4 Ultra Bright Turquoise LED
PL16C-WCG01Z P-TEC-PL16C-WCG01Z_14 Datasheet
449Kb / 1P
   Popular T1 3/4 Lens Style with flange
PL16C-WCG14Z P-TEC-PL16C-WCG14Z Datasheet
30Kb / 1P
   5mm (T1쩐) Ultra Bright Turquoise LED
PL16C-WCG19 P-TEC-PL16C-WCG19 Datasheet
30Kb / 1P
   5mm (T1쩐) Ultra Bright Green LED
More results

Similar Description - PL16C-WCG43Z

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL16F-WCG12Z P-TEC-PL16F-WCG12Z Datasheet
30Kb / 1P
   5mm (T1쩐) Ultra Bright Pure Green LED
PL16E-WCG29Z P-TEC-PL16E-WCG29Z Datasheet
30Kb / 1P
   5mm (T1쩐) Ultra Bright Pure Green LED
PL16C-WCG21Z P-TEC-PL16C-WCG21Z Datasheet
30Kb / 1P
   5mm (T1쩐) Ultra Bright Pure Green LED
PL16C-WCG25Z P-TEC-PL16C-WCG25Z Datasheet
30Kb / 1P
   5mm (T1쩐) Ultra Bright Pure Green LED
PL16F-WCG11Z P-TEC-PL16F-WCG11Z Datasheet
30Kb / 1P
   5mm (T1쩐) Ultra Bright Pure Green LED
PL16C-WCG29Z P-TEC-PL16C-WCG29Z Datasheet
30Kb / 1P
   5mm (T1쩐) Ultra Bright Pure Green LED
PL16E-WCG21Z P-TEC-PL16E-WCG21Z Datasheet
30Kb / 1P
   5mm (T1쩐) Ultra Bright Pure Green LED
PL16B-WCG05 P-TEC-PL16B-WCG05 Datasheet
30Kb / 1P
   5mm (T1쩐) Ultra Bright Pure Green LED
PL16B-WCG29Z P-TEC-PL16B-WCG29Z Datasheet
30Kb / 1P
   5mm (T1쩐) Ultra Bright Pure Green LED
PL16E-WCG19 P-TEC-PL16E-WCG19 Datasheet
30Kb / 1P
   5mm (T1쩐) Ultra Bright Green LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com