Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK415-130-E Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # STK415-130-E
Description  2-Channel Power Switching Audio Power IC, 100W100W
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK415-130-E Datasheet(HTML) 4 Page - Sanyo Semicon Device

  STK415-130-E Datasheet HTML 1Page - Sanyo Semicon Device STK415-130-E Datasheet HTML 2Page - Sanyo Semicon Device STK415-130-E Datasheet HTML 3Page - Sanyo Semicon Device STK415-130-E Datasheet HTML 4Page - Sanyo Semicon Device STK415-130-E Datasheet HTML 5Page - Sanyo Semicon Device STK415-130-E Datasheet HTML 6Page - Sanyo Semicon Device STK415-130-E Datasheet HTML 7Page - Sanyo Semicon Device STK415-130-E Datasheet HTML 8Page - Sanyo Semicon Device STK415-130-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
STK415-130-E
No. A1500-4/12
Application Circuit Example
STK415-100 series
C01
C02
C03
C04
Stand-by
GND
Ch2-IN
Ch1-IN
GND
Ch2-OUT
Ch1-OUT
GND
+VL
+VH
-VL
-VH
D03 D04
D01
D02
R01
R02
R03
R04
C05
C06
R18
R24
R26
R19
C07
C08
C22
C23
R14
C13
R15
C14
C17
C16
R05
R06
C19
C20
R22
R21
R30
L02
R12
L01
R11
C11
R09
R08
C10
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
+OFF
SET
-OFF
SET
-VL
+VL
-Pre -VH +VH
OUT
Ch1+
OUT
Ch1-
OUT
Ch2+
OUT
Ch2- +Pre SUB GND
IN
Ch1
NF
Ch1
NF
Ch2
IN
Ch2
ST
BY


Similar Part No. - STK415-130-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK415-100-E SANYO-STK415-100-E Datasheet
187Kb / 12P
   2-Channel Power Switching Audio Power IC, 60W60W
STK415-120-E SANYO-STK415-120-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 80W80W
STK415-140-E SANYO-STK415-140-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 120W120W
More results

Similar Description - STK415-130-E

ManufacturerPart #DatasheetDescription
logo
Sunspirit Electronic Lt...
STK433-100LF SUNSPIRIT-STK433-100LF Datasheet
355Kb / 2P
   2-channel class AB audio power IC, 100W100W
logo
Sanyo Semicon Device
STK433-100-E SANYO-STK433-100-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 100W100W
STK404-230-E SANYO-STK404-230-E Datasheet
363Kb / 12P
   One-Channel Class AB Audio Power Amplifier IC 100W
logo
Tumbler Technologies + ...
PD-110 TRUMPOWER-PD-110 Datasheet
43Kb / 1P
   100W Switching Power Supplies
logo
International Rectifier
IRAUDAMP17 IRF-IRAUDAMP17_15 Datasheet
689Kb / 13P
   100W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP19 IRF-IRAUDAMP19_15 Datasheet
804Kb / 14P
   100W/4 x 2 Channel Class D Audio Power Amplifier
logo
Mean Well Enterprises C...
PLN-100 MEANWELL-PLN-100 Datasheet
193Kb / 2P
   100W Single Output Switching Power Supply
PQ-100 MEANWELL-PQ-100 Datasheet
666Kb / 3P
   100W Quad Output Switching Power Supply
HLG-100H MEANWELL-HLG-100H Datasheet
315Kb / 6P
   100W Single Output Switching Power Supply
HLG-100_1107 MEANWELL-HLG-100_1107 Datasheet
323Kb / 6P
   100W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com