Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2832D Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2832D
Description  FAST SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEADTIME CONTROL
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2832D Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2832D Datasheet HTML 5Page - Texas Instruments TPS2832D Datasheet HTML 6Page - Texas Instruments TPS2832D Datasheet HTML 7Page - Texas Instruments TPS2832D Datasheet HTML 8Page - Texas Instruments TPS2832D Datasheet HTML 9Page - Texas Instruments TPS2832D Datasheet HTML 10Page - Texas Instruments TPS2832D Datasheet HTML 11Page - Texas Instruments TPS2832D Datasheet HTML 12Page - Texas Instruments TPS2832D Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TPS2832, TPS2833
FAST SYNCHRONOUS-BUCK MOSFET DRIVER
WITH DEADTIME CONTROL
SLVS195B – JANUARY 1999 – REVISED SEPTEMBER 1999
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
RISE TIME
vs
LOAD CAPACITANCE
CL – Load Capacitance – nF
100
10
1
1000
0.1
1
10
100
VCC = 6.5 V
TJ = 25 °C
Low Side
High Side
Figure 10
FALL TIME
vs
LOAD CAPACITANCE
CL – Load Capacitance – nF
100
10
1
1000
0.1
1
10
100
VCC = 6.5 V
TJ = 25 °C
Low Side
High Side
Figure 11
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VCC – Supply Voltage – V
0
46
8
10
500
5000
14
3500
4000
4500
1000
1500
2500
12
2000
3000
200 kHz
100 kHz
50 kHz
25 kHz
16
6000
5500
500 kHz
TJ = 25 °C
CL = 50 pF
300 kHz
Figure 12
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VCC – Supply Voltage – V
0
46
8
10
14
10
12
5
16
15
20
25
1 MHz
TJ = 25 °C
CL = 50 pF
2 MHz


Similar Part No. - TPS2832D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2832D TI1-TPS2832D Datasheet
739Kb / 17P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2832DG4 TI1-TPS2832DG4 Datasheet
739Kb / 17P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2832DR TI1-TPS2832DR Datasheet
739Kb / 17P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2832DRG4 TI1-TPS2832DRG4 Datasheet
739Kb / 17P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
More results

Similar Description - TPS2832D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2836 TI-TPS2836 Datasheet
181Kb / 14P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEADTIME CONTROL
TPS2830 TI-TPS2830 Datasheet
198Kb / 15P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
TPS2834 TI-TPS2834 Datasheet
200Kb / 15P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
TPS2848 TI1-TPS2848_15 Datasheet
657Kb / 28P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
TPS2836 TI1-TPS2836_15 Datasheet
734Kb / 17P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
TPS2832 TI1-TPS2832_16 Datasheet
739Kb / 17P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2830 TI1-TPS2830_15 Datasheet
1Mb / 24P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2832 TI1-TPS2832_15 Datasheet
725Kb / 17P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
logo
IXYS Corporation
IXS839 IXYS-IXS839 Datasheet
318Kb / 11P
   Synchronous Buck MOSFET Driver
logo
ON Semiconductor
NCP81158 ONSEMI-NCP81158 Datasheet
83Kb / 8P
   Synchronous Buck MOSFET Driver
August, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com