Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK404-230-E Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # STK404-230-E
Description  One-Channel Class AB Audio Power Amplifier IC 100W
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK404-230-E Datasheet(HTML) 1 Page - Sanyo Semicon Device

  STK404-230-E Datasheet HTML 1Page - Sanyo Semicon Device STK404-230-E Datasheet HTML 2Page - Sanyo Semicon Device STK404-230-E Datasheet HTML 3Page - Sanyo Semicon Device STK404-230-E Datasheet HTML 4Page - Sanyo Semicon Device STK404-230-E Datasheet HTML 5Page - Sanyo Semicon Device STK404-230-E Datasheet HTML 6Page - Sanyo Semicon Device STK404-230-E Datasheet HTML 7Page - Sanyo Semicon Device STK404-230-E Datasheet HTML 8Page - Sanyo Semicon Device STK404-230-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
61009HKIM No. A1244-1/12
STK404-230-E
Overview
The STK404-230-E is a hybrid IC designed to be used in 100W (1-channel) class AB audio power amplifiers.
Applications
• Audio power amplifiers.
Features
• 1-channel audio power amplifier
• Built-in standby circuit
• Overcurrent protection
• Output DC offset protection
• Shutdown circuit when latch-up occurs
• Error signal output (open collector)
Series Models
STK404-200-E
STK404-230-E
Output 1 (10%/1kHz)
100W
×1 channels
150W
×1 channels
Output 2 (0.4%/20Hz to 20kHz)
60W
×1 channels
100W
×1 channels
Maximum rated VCC (6Ω)
±50V
±63V
Recommended operating VCC (6Ω)
±36V
±44V
Dimensions (excluding pin height)
59.2mm
×25.5mm×8.5mm
Ordering number : EN*A1244A
Thick-Film Hybrid IC
One-Channel Class AB Audio
Power Amplifier IC 100W
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


Similar Part No. - STK404-230-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK404-200-E SANYO-STK404-200-E Datasheet
353Kb / 11P
   One-Channel Class AB Audio Power Amplifier IC 60W
More results

Similar Description - STK404-230-E

ManufacturerPart #DatasheetDescription
logo
Sunspirit Electronic Lt...
STK433-100LF SUNSPIRIT-STK433-100LF Datasheet
355Kb / 2P
   2-channel class AB audio power IC, 100W100W
logo
Sanyo Semicon Device
STK404-200-E SANYO-STK404-200-E Datasheet
353Kb / 11P
   One-Channel Class AB Audio Power Amplifier IC 60W
STK433-100-E SANYO-STK433-100-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 100W100W
STK402-250 SANYO-STK402-250 Datasheet
108Kb / 4P
   Three-Channel Class AB Audio Power Amplifier IC
STK433-290-E SANYO-STK433-290-E Datasheet
209Kb / 13P
   Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
STK402-070 SANYO-STK402-070 Datasheet
64Kb / 6P
   Two-Channel Class AB Audio Power Amplifier IC 40W 40W
logo
List of Unclassifed Man...
PA2030A ETC1-PA2030A Datasheet
522Kb / 1P
   AB Class Audio Power Amplifier, MOSFET IC Power Amp
logo
Sanyo Semicon Device
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
logo
ON Semiconductor
STK433-130N-E ONSEMI-STK433-130N-E Datasheet
375Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK404-140N-E SANYO-STK404-140N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com