Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2833 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2833
Description  FAST SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEADTIME CONTROL
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2833 Datasheet(HTML) 5 Page - Texas Instruments

  TPS2833 Datasheet HTML 1Page - Texas Instruments TPS2833 Datasheet HTML 2Page - Texas Instruments TPS2833 Datasheet HTML 3Page - Texas Instruments TPS2833 Datasheet HTML 4Page - Texas Instruments TPS2833 Datasheet HTML 5Page - Texas Instruments TPS2833 Datasheet HTML 6Page - Texas Instruments TPS2833 Datasheet HTML 7Page - Texas Instruments TPS2833 Datasheet HTML 8Page - Texas Instruments TPS2833 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TPS2832, TPS2833
FAST SYNCHRONOUS-BUCK MOSFET DRIVER
WITH DEADTIME CONTROL
SLVS195B – JANUARY 1999 – REVISED SEPTEMBER 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating virtual junction temperature range,
VCC = 6.5 V, CL = 3.3 nF (unless otherwise noted) (continued)
output drivers
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Hi h id
i k
Duty cycle < 2%,
VBOOT – VBOOTLO = 4.5 V, VHIGHDR = 4 V
0.7
1.1
High-side sink
(see Note 4)
Duty cycle < 2%,
tpw < 100 µs
VBOOT – VBOOTLO = 6.5 V, VHIGHDR = 5 V
1.1
1.5
A
(see Note 4)
(see Note 3)
VBOOT – VBOOTLO = 12 V, VHIGHDR = 10.5 V
2
2.4
High-side
Duty cycle < 2%,
VBOOT – VBOOTLO = 4.5 V, VHIGHDR = 0.5V
1.2
1.4
High side
source
Duty cycle < 2%,
tpw < 100 µs
VBOOT – VBOOTLO = 6.5 V, VHIGHDR = 1.5 V
1.3
1.6
A
Peak output-
(see Note 4)
(see Note 3)
VBOOT – VBOOTLO = 12 V, VHIGHDR = 1.5 V
2.3
2.7
current
Lid
i k
Duty cycle < 2%,
VCC = 4.5 V,
VLOWDR = 4 V
1.3
1.8
Low-side sink
(see Note 4)
Duty cycle < 2%,
tpw < 100 µs
VCC = 6.5 V,
VLOWDR = 5 V
2
2.5
A
(see Note 4)
(see Note 3)
VCC = 12 V,
VLOWDR = 10.5 V
3
3.5
Low-side
Duty cycle < 2%,
VCC = 4.5 V,
VLOWDR = 0.5V
1.4
1.7
Low side
source
Duty cycle < 2%,
tpw < 100 µs
VCC = 6.5 V,
VLOWDR = 1.5 V
2
2.4
A
(see Note 4)
(see Note 3)
VCC = 12 V,
VLOWDR = 1.5 V
2.5
3
VBOOT – VBOOTLO = 4.5 V, VHIGHDR = 0.5 V
5
High-side sink (see Note 4)
VBOOT – VBOOTLO = 6.5 V, VHIGHDR = 0.5 V
5
VBOOT – VBOOTLO = 12 V, VHIGHDR = 0.5 V
5
VBOOT – VBOOTLO = 4.5 V, VHIGHDR = 4 V
45
High-side source (see Note 4)
VBOOT – VBOOTLO = 6.5 V, VHIGHDR = 6 V
45
Output
VBOOT – VBOOTLO = 12 V, VHIGHDR =11.5 V
45
resistance
VDRV = 4.5 V,
VLOWDR = 0.5 V
9
Low-side sink (see Note 4)
VDRV = 6.5 V
VLOWDR = 0.5 V
7.5
VDRV = 12 V,
VLOWDR = 0.5 V
6
VDRV = 4.5 V,
VLOWDR = 4 V
45
Low-side source (see Note 4)
VDRV = 6.5 V,
VLOWDR = 6 V
45
VDRV = 12 V,
VLOWDR = 11.5 V
45
NOTES:
3. Ensured by design, not production tested.
4. The pull-up/pull-down circuits of the drivers are bipolar and MOSFET transistors in parallel. The peak output current rating is the
combined current from the bipolar and MOSFET transistors. The output resistance is the Rds(on) of the MOSFET transistor when
the voltage on the driver output is less than the saturation voltage of the bipolar transistor.
deadtime
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOWDR
High-level input voltage
Over the VCC range (see Note 3)
2
V
LOWDR
Low-level input voltage
Over the VCC range (see Note 3)
1
V
DT
High-level input voltage
Over the VCC range
2
V
DT
Low-level input voltage
Over the VCC range
1
V
NOTE 3: Ensured by design, not production tested.
digital control terminals
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-level input voltage
Over the VCC range
2
V
Low-level input voltage
Over the VCC range
1
V


Similar Part No. - TPS2833

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2833 TI1-TPS2833 Datasheet
1,006Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2833 TI1-TPS2833 Datasheet
734Kb / 17P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
TPS2833D TI1-TPS2833D Datasheet
739Kb / 17P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
More results

Similar Description - TPS2833

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2836 TI-TPS2836 Datasheet
181Kb / 14P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEADTIME CONTROL
TPS2830 TI-TPS2830 Datasheet
198Kb / 15P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
TPS2834 TI-TPS2834 Datasheet
200Kb / 15P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
TPS2848 TI1-TPS2848_15 Datasheet
657Kb / 28P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
TPS2836 TI1-TPS2836_15 Datasheet
734Kb / 17P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
TPS2832 TI1-TPS2832_16 Datasheet
739Kb / 17P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2830 TI1-TPS2830_15 Datasheet
1Mb / 24P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2832 TI1-TPS2832_15 Datasheet
725Kb / 17P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
logo
IXYS Corporation
IXS839 IXYS-IXS839 Datasheet
318Kb / 11P
   Synchronous Buck MOSFET Driver
logo
ON Semiconductor
NCP81158 ONSEMI-NCP81158 Datasheet
83Kb / 8P
   Synchronous Buck MOSFET Driver
August, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com