Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV56081GP Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LV56081GP
Description  Charge Pump Power Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV56081GP Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LV56081GP Datasheet HTML 1Page - Sanyo Semicon Device LV56081GP Datasheet HTML 2Page - Sanyo Semicon Device LV56081GP Datasheet HTML 3Page - Sanyo Semicon Device LV56081GP Datasheet HTML 4Page - Sanyo Semicon Device LV56081GP Datasheet HTML 5Page - Sanyo Semicon Device LV56081GP Datasheet HTML 6Page - Sanyo Semicon Device LV56081GP Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LV56081GP
No.A1499-6/7
External clock signal startup sequence
VDD
EN
S0
S1
SEL
CLK
Charge pump
(C23)
Regulator
(C23)
SEL=H (External clock)
Do not attempt change the signal after 9.4ms from EN = H
Do not attempt change the signal after 9.4ms from EN = H
Do not attempt change the signal after 9.4ms from EN = H
Set EN = H by setting VDD
at 3V or more
Stop at EN = L or over-current protection
Never set VDD at 3V or less till
the sequence is over (7.5ms after EN = L).
Frequency selection
Frequency selection
External clock selected
Do not attempt change the signal after 9.4ms from EN = H
Do not attempt change the signal after 9.4ms from EN = H
Do not attempt change the signal after 9.4ms from EN = H
Frequency selection
Frequency selection
External clock selected
Frequency selection
Frequency selection
External clock selected
* Internal 1MHz
SEL=L (Internal clock)
* CP clock 1MHz
* CP clock 500kHz
* CP clock 250kHz
* CP clock 125kHz
* CP clock 1/2
φ
* CP clock 1/4
φ
* CP clock 1/8
φ
* CP clock 1/16
φ
* IC internal signal
Internal clock
start at 1MHz
9.4ms (min)
Internal clock
start at 1MHz
9.4ms (min)
Steady operation
Stop
sequence
7.5ms (max)
Steady operation
Stop
sequence
7.5ms (max)
EN Pin and VDD
Though the sequence operation is made at startup, startup is not effectuated if the internal circuit has not been reset.
To reset the internal circuit, it is necessary to keep the EN pin at L till VDD becomes 3V or more.
Note that operation with VDD and EN pin short-circuited cannot be made.
Since the sequence operation is incorporated for stop of operation, the charge pump remains active till 7.5ms (max)
passes after setting the EN pin to L. During this period, VDD must be kept at 3V or more to allow the internal sequence
logic to operate correctly.


Similar Part No. - LV56081GP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5608LP SANYO-LV5608LP Datasheet
163Kb / 8P
   Bi-CMOS LSI For CCD Charge pump power supply
More results

Similar Description - LV56081GP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV5710GP ONSEMI-LV5710GP Datasheet
97Kb / 7P
   Power Supply for Charge Pump
August, 2014
LA5797MC ONSEMI-LA5797MC Datasheet
188Kb / 4P
   Charge Pump Step-up Power Supply
August, 2013
logo
Sanyo Semicon Device
LV5099CB SANYO-LV5099CB Datasheet
209Kb / 5P
   For HDMI controller Charge pump power supply
LV5710GP SANYO-LV5710GP Datasheet
103Kb / 6P
   For camera sensor Power supply for charge pump
logo
Texas Instruments
TPS65110 TI-TPS65110 Datasheet
231Kb / 15P
[Old version datasheet]   LTPS LCD BIAS POWER SUPPLY TRIPLE CHARGE PUMP
TPS65110 TI1-TPS65110_14 Datasheet
384Kb / 15P
[Old version datasheet]   LTPS-LCD BIAS POWER SUPPLY, TRIPLE CHARGE PUMP
logo
Sanyo Semicon Device
LV5608LP SANYO-LV5608LP Datasheet
163Kb / 8P
   Bi-CMOS LSI For CCD Charge pump power supply
logo
Linear Technology
LTC3260 LINER-LTC3260_15 Datasheet
328Kb / 18P
   Low Noise Dual Supply Inverting Charge Pump
logo
Shenzhenshi YONGFUKANG ...
CS5230E YONGFUKANG-CS5230E Datasheet
2Mb / 10P
   Charge Pump
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com