Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2214A Datasheet(PDF) 24 Page - Texas Instruments

Part # TPS2214A
Description  LOW-COST DUAL-SLOT PC CARD POWER SWITCH FOR SERIAL PCMCIA CONTROLLERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2214A Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS2214A Datasheet HTML 19Page - Texas Instruments TPS2214A Datasheet HTML 20Page - Texas Instruments TPS2214A Datasheet HTML 21Page - Texas Instruments TPS2214A Datasheet HTML 22Page - Texas Instruments TPS2214A Datasheet HTML 23Page - Texas Instruments TPS2214A Datasheet HTML 24Page - Texas Instruments TPS2214A Datasheet HTML 25Page - Texas Instruments TPS2214A Datasheet HTML 26Page - Texas Instruments TPS2214A Datasheet HTML 27Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
TPS2214A, TPS2216A
LOW-COST DUAL-SLOT PC CARD POWER SWITCH
FOR SERIAL PCMCIA CONTROLLERS
SLVS267 – DECEMBER 1999
24
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
12-V flash memory supply
The TPS6734 is a fixed 12-V output boost converter capable of delivering 120 mA from inputs as low as 2.7 V.
The device is pin-for-pin compatible with the MAX734 regulator and offers the following advantages: lower
supply current, wider operating input-voltage range, and higher output currents. As shown in Figure 33, the only
external components required are: an inductor, a Schottky rectifier, an output filter capacitor, an input filter
capacitor, and a small capacitor for loop compensation. The entire converter occupies less than 0.7 in2 of PCB
space when implemented with surface-mount components. An enable input is provided to shut the converter
down and reduce the supply current to 3
µA when 12 V is not needed.
The TPS6734 is a 170-kHz current-mode PWM (pulse-width modulation) controller with an n-channel MOSFET
power switch. Gate drive for the switch is derived from the 12-V output after start-up to minimize the die area
needed to realize the 0.7-
Ω MOSFET and improve efficiency at input voltages below 5 V. Soft start is
accomplished with the addition of one small capacitor. A 1.22-V reference (pin 2) is brought out for external use.
For additional information, see the TPS6734 data sheet (SLVS127).
NOTE A: The enable terminal can be tied to a general-purpose I/O terminal on the PCMCIA controller or tied high.
TPS2216A
BVPP
BVCC
BVCC
BVCC
AVPP
AVCC
AVCC
AVCC
RESET
LATCH
CLOCK
DATA
OC
RESET
3.3 V
5 V
12V
3.3V
5V
12V
3.3V
3.3V
5V
5V
MODE
STBY
0.1
µF
0.1
µF
1
µF
0.1
µF
1
µF
EN
REF
SS
COMP
TPS6734
VCC
FB
OUT
GND
1
2
3
4
L1
18
µH
8
7
6
5
R1
10 k
ENABLE
(see Note A)
C1
33
µF
20V
C2
0.01
µF
12 V
D1
33
µF, 20 V
C4
0.001
µF
3.3V or 5V
+
C1
+
Figure 33. TPS2216A with TPS6734 12-V, 120-mA Supply


Similar Part No. - TPS2214A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2214A TI-TPS2214A Datasheet
447Kb / 29P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2214A TI-TPS2214A Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2214A TI1-TPS2214A Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2214ADB TI1-TPS2214ADB Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2214ADBG4 TI1-TPS2214ADBG4 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results

Similar Description - TPS2214A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI-TPS2216 Datasheet
371Kb / 27P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2214A TI1-TPS2214A_14 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223 TI1-TPS2223_16 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI1-TPS2216_16 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2202 TI-TPS2202 Datasheet
455Kb / 21P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2205 TI-TPS2205 Datasheet
463Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2205 TI1-TPS2205_13 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2228 TI-TPS2228 Datasheet
175Kb / 23P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
TPS2228 TI1-TPS2228_16 Datasheet
1Mb / 34P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com