Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2212 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2212
Description  SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2212 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2212 Datasheet HTML 6Page - Texas Instruments TPS2212 Datasheet HTML 7Page - Texas Instruments TPS2212 Datasheet HTML 8Page - Texas Instruments TPS2212 Datasheet HTML 9Page - Texas Instruments TPS2212 Datasheet HTML 10Page - Texas Instruments TPS2212 Datasheet HTML 11Page - Texas Instruments TPS2212 Datasheet HTML 12Page - Texas Instruments TPS2212 Datasheet HTML 13Page - Texas Instruments TPS2212 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TPS2212
SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH
FOR LOW POWER PC CARD SLOTS
SLVS193 – APRIL 1999
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 14
39
37
35
–50
–25
0
25
50
41
43
SUPPLY CURRENT
vs
JUNCTION TEMPERATURE
45
75
100
125
TJ – Junction Temperature – °C
VO(VCC) = 5 V
VO(VPP) = 12 V
No Load
Figure 15
39
37
35
–50
–25
0
25
50
41
43
SUPPLY CURRENT
vs
JUNCTION TEMPERATURE
45
75
100
125
TJ – Junction Temperature – °C
VO(VCC) = 3.3 V
VO(VPP) = 12 V
No Load
Figure 16
140
120
100
80
–50
–25
0
25
50
160
180
5–V VCC SWITCH
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
vs
JUNCTION TEMPERATURE
200
75
100
125
TJ – Junction Temperature – °C
Figure 17
140
120
100
80
–50
–25
0
25
50
160
180
3.3–V VCC SWITCH
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
vs
JUNCTION TEMPERATURE
200
75
100
125
TJ – Junction Temperature – °C


Similar Part No. - TPS2212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2212 TI-TPS2212 Datasheet
484Kb / 23P
[Old version datasheet]   SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH
TPS2212IDB TI-TPS2212IDB Datasheet
506Kb / 23P
[Old version datasheet]   SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
TPS2212IDB TI1-TPS2212IDB Datasheet
506Kb / 23P
[Old version datasheet]   SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
TPS2212IDB TI1-TPS2212IDB Datasheet
484Kb / 23P
[Old version datasheet]   SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
TPS2212IDB TI-TPS2212IDB Datasheet
484Kb / 23P
[Old version datasheet]   SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH
More results

Similar Description - TPS2212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2212IDBR TI1-TPS2212IDBR Datasheet
484Kb / 23P
[Old version datasheet]   SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
TPS2212IDB TI-TPS2212IDB Datasheet
506Kb / 23P
[Old version datasheet]   SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
TPS2212IDB TI1-TPS2212IDB Datasheet
506Kb / 23P
[Old version datasheet]   SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
TPS2211 TI-TPS2211 Datasheet
323Kb / 22P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211A TI-TPS2211A Datasheet
454Kb / 19P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211 TI1-TPS2211_12 Datasheet
661Kb / 23P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211A TI1-TPS2211A_16 Datasheet
879Kb / 28P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2212IDBR TI-TPS2212IDBR Datasheet
484Kb / 23P
[Old version datasheet]   SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH
TPS2205 TI-TPS2205 Datasheet
463Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2205 TI1-TPS2205_13 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com