Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2211DB Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS2211DB
Description  SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2211DB Datasheet(HTML) 4 Page - Texas Instruments

  TPS2211DB Datasheet HTML 1Page - Texas Instruments TPS2211DB Datasheet HTML 2Page - Texas Instruments TPS2211DB Datasheet HTML 3Page - Texas Instruments TPS2211DB Datasheet HTML 4Page - Texas Instruments TPS2211DB Datasheet HTML 5Page - Texas Instruments TPS2211DB Datasheet HTML 6Page - Texas Instruments TPS2211DB Datasheet HTML 7Page - Texas Instruments TPS2211DB Datasheet HTML 8Page - Texas Instruments TPS2211DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TPS2211
SINGLE-SLOT PC CARD POWER INTERFACE SWITCH
FOR PARALLEL PCMCIA CONTROLLERS
SLVS156E – JULY 1997 – REVISED JANUARY 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
3.3V
3, 4
I
3.3-V VCC input for card power and/or chip power if 5 V is not present
5V
5, 6
I
5-V VCC input for card power and/or chip power
12V
9
I
12-V Vpp input card power
AVCC
11, 12, 13
O
Switched output that delivers 0 V, 3.3-V, 5-V, or high impedance to card
AVPP
10
O
Switched output that delivers 0 V 3.3-V, 5-V, 12-V, or high impedance to card
GND
7
Ground
OC
8
O
Logic-level overcurrent reporting output that goes low when an overcurrent conditions exists
SHDN
16
I
Logic input that shuts down the TPS2211 and sets all power outputs to high-impedance state
VCCD0
1
I
Logic input that controls voltage of AVCC (see control-logic table)
VCCD1
2
I
Logic input that controls voltage of AVCC (see control-logic table)
VPPD0
15
I
Logic input that controls voltage of AVPP (see control-logic table)
VPPD1
14
I
Logic input that controls voltage of AVPP (see control-logic table)
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Input voltage range for card power:
VI(5V)
–0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VI(3.3V)
–0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VI(12V)
–0.3 V to 14 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Logic input voltage
–0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current (each card):
IO(VCC)
internally limited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
IO(VPP)
internally limited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
–40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1.6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
DB
775 mW
6.2 mW/
°C
496 mW
403 mW
These devices are mounted on an FR4 board with no special thermal considerations.
recommended operating conditions
MIN
MAX
UNIT
VI(5V)
0
5.25
V
Input voltage, VI
VI(3.3V)
0
5.25
V
VI(12V)
0
13.5
V
Output current
IO(AVCC)
1
A
Output current
IO(AVPP)
150
mA
Operating virtual junction temperature, TJ
–40
125
°C


Similar Part No. - TPS2211DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2211 TI1-TPS2211 Datasheet
661Kb / 23P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211 TI1-TPS2211 Datasheet
661Kb / 23P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211A TI-TPS2211A Datasheet
454Kb / 19P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211A TI1-TPS2211A Datasheet
879Kb / 28P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211AIDB TI-TPS2211AIDB Datasheet
454Kb / 19P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
More results

Similar Description - TPS2211DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2211A TI-TPS2211A Datasheet
454Kb / 19P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211 TI1-TPS2211_12 Datasheet
661Kb / 23P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211A TI1-TPS2211A_16 Datasheet
879Kb / 28P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2205 TI-TPS2205 Datasheet
463Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2205 TI1-TPS2205_13 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2228 TI-TPS2228 Datasheet
175Kb / 23P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
TPS2228 TI1-TPS2228_16 Datasheet
1Mb / 34P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
TPS2201IDFR TI-TPS2201IDFR Datasheet
922Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2201 TI-TPS2201 Datasheet
478Kb / 23P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com