Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS2201 Datasheet(PDF) 5 Page - Texas Instruments

Part No. TPS2201
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TPS2201 Datasheet(HTML) 5 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TPS2201, TPS2201Y
DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES
FOR PARALLEL PCMCIA CONTROLLERS
SLVS094B – AUGUST 1994 – REVISED AUGUST 1995
6–5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, TA = 25°C, VDD = 5 V (unless otherwise noted)
dc characteristics
PARAMETER
TEST CONDITIONS
TPS2201
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
5 V to xVCC
160
m
3 V to xVCC
225
m
Switch resistances
5 V to xVPP
6
3 V to xVPP
6
12 V to xVPP
1
Clamp low voltage
Ipp at 10 mA
0.8
V
Clamp low voltage
ICC at 10 mA
0.8
V
I
High impedance state
TA = 25°C
1
10
Leakage current
Ipp High-impedance state
TA = 85°C
50
µA
Leakage current
ICC High impedance state
TA = 25°C
1
10
µA
ICC High-impedance state
TA = 85°C
50
Input current
IDD
VO(AVCC) = VO(BVCC) = 5 V,
VO(AVPP) = VO(BVPP) = 12 V
83
150
µA
Input current
IDD in shutdown
VO(BVCC) = VO(AVCC) = VO(AVPP)
= VO(BVPP) = high Z
1
µA
Power-ready threshold, PWR_GOOD
10.72
11.05
11.4
V
Power-ready hysteresis, PWR_GOOD (12-V mode)
50
mV
Short-circuit output-
IO(xVCC)
TJ =85°C
Output shorted to GND
0.75
1.3
1.9
A
current limit
IO(xVPP)
TJ = 85°C,
Output shorted to GND
120
200
400
mA
logic section
PARAMETER
TEST CONDITIONS
TPS2201
UNIT
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Logic input current
1
µA
Logic input high level
2.7
V
Logic input low level
0.8
V
Logic output high level
IO =1mA
VDD – 0.4
V
Logic output low level
IO = 1 mA
0.4
V
switching characteristics
PARAMETER
TEST CONDITIONS
TPS2201
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t
Output rise time
VO(xVCC)
1.2
ms
tr
Output rise time
VO(xVPP)
5
ms
tf
Output fall time
VO(xVCC)
10
ms
tf
Output fall time
VO(xVPP)
14
ms
VI( VPP PGM) to VO( VPP)
ton
5.8
ms
VI(x_VPP_PGM) to VO(xVPP)
toff
18
ms
t d
Propagation delay (see Figure 1‡)
V (CC ) to xVCC (3 V)
ton
5.8
ms
tpd
Propagation delay (see Figure 1‡)
VI(x_VCC3) to xVCC (3 V)
toff
28
ms
VI( VCC5) to xVCC (5 V)
ton
4
ms
VI(x_VCC5) to xVCC (5 V)
toff
30
ms
† Refer to Parameter Measurement Information
‡ Rise and fall times are with CL = 100 µF.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn