Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2102 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2102
Description  VAUX POWER-DISTRIBUTION SWITCHES
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2102 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2102 Datasheet HTML 7Page - Texas Instruments TPS2102 Datasheet HTML 8Page - Texas Instruments TPS2102 Datasheet HTML 9Page - Texas Instruments TPS2102 Datasheet HTML 10Page - Texas Instruments TPS2102 Datasheet HTML 11Page - Texas Instruments TPS2102 Datasheet HTML 12Page - Texas Instruments TPS2102 Datasheet HTML 13Page - Texas Instruments TPS2102 Datasheet HTML 14Page - Texas Instruments TPS2102 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TPS2102, TPS2103
VAUX POWER-DISTRIBUTION SWITCHES
SLVS234A – SEPTEMBER 1999 – REVISED APRIL 2000
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 14
100
10
0.1
0.01
0.1
1
10
1000
IN1 SWITCH FALL TIME
vs
OUTPUT CURRENT
10000
100
1000
CL = 100 µF
CL = 47 µF
CL = 10 µF
CL = 1 µF
CL = 0.1 µF
IO – Output Current – mA
VI(IN1) = 3.3 V
VI(IN2) = 0 V
TJ = 25°C
1
Figure 15
10
1
0.001
0.01
0.1
100
IN2 SWITCH FALL TIME
vs
OUTPUT CURRENT
1000
1
100
CL = 100 µF
CL = 10 µF
CL = 1 µF
CL = 0.1 µF
IO – Output Current – mA
VI(IN1) = 0 V
VI(IN2) = 3.3 V
TJ = 25°C
CL = 47 µF
10
0.1
0.01
Figure 16
0.4
0.2
0
0.01
0.1
0.6
0.8
1
1
100
OUTPUT VOLTAGE DROOP
vs
OUTPUT CURRENT WHEN OUTPUT
IS SWITCHED FROM IN2 TO IN1
CL = 100 µF
CL = 10 µF
CL = 1 µF
CL = 0.1 µF
IO – Output Current – mA
VI(IN1) = 3.3 V
VI(IN2) = 3.3 V
TJ = 25°C
CL = 47 µF
10
CL = 220 µF
Figure 17
1
0
0
100
200
300
1.5
2
INRUSH CURRENT
vs
OUTPUT CAPACITANCE
2.5
400
500
0.5
Co – Output Capacitance – µF
VI(IN1) = 3.3 V
VI(IN2) = 0 V
RL = 6.6 Ω
TJ = 25°C
† If switching from IN1 to IN2, the voltage droop is much smaller. Therefore, the load capacitance should be chosen according to the curves in
Figure 16.


Similar Part No. - TPS2102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2102 TI1-TPS2102 Datasheet
462Kb / 20P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2102D TI1-TPS2102D Datasheet
462Kb / 20P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2102DBVR TI1-TPS2102DBVR Datasheet
462Kb / 20P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2102DBVRG4 TI1-TPS2102DBVRG4 Datasheet
462Kb / 20P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2102DBVT TI1-TPS2102DBVT Datasheet
462Kb / 20P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2100 TI-TPS2100 Datasheet
299Kb / 17P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
TPS2104 TI-TPS2104 Datasheet
240Kb / 16P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
TPS2104DBVR TI-TPS2104DBVR Datasheet
437Kb / 19P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
TPS2105-EP TI1-TPS2105-EP Datasheet
1Mb / 24P
[Old version datasheet]   TPS2105-EP VAUX Power-Distribution Switch
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com