Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL03F-WCW24Z Datasheet(PDF) 1 Page - P-tec Corporation

Part # PL03F-WCW24Z
Description  3mm (T1) LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PL03F-WCW24Z Datasheet(HTML) 1 Page - P-tec Corporation

  PL03F-WCW24Z Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Absolute Maximum Ratings at TA = 25°C
Power Dissipation ……………………………………………………………………………. 120mW
Reverse Voltage (<5.0µA)..………………...………………………………………..…….…….... 5.0V
Max Forward Current………..………………..……………………………..……………….… 30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width).………………………...…………….. 100mA
Operating Temperature Range……………………………………………...……….. -25°C to +85°C
Storage Temperature Range..………….………………………………..………….. -40°C to +100°C
Soldering Temperature (1.6mm below body)……………………………….………. 260°C for 5 seconds
Electric Static Discharge Threshold (HBM)………………………………………………...… 6000V
PL03 Series 3mm (T1) LED
Features
*Popular 3mm Lens Style with
Flange
*1 InGaN Ultra Bright White
Chip used
*High Light Output
*Long Life & Reliability
*Integrated Zener Diode for
ESD Protection
*RoHS Compliant
Electrical & Optical Characteristics at TA = 25°C
Part Number
Emitting
Color
Chip
Material
Viewing
Angle
2
θ ½
Forward
Voltage
@20mA (V)
Luminous
Intensity
@20mA (mcd)
Water Clear Lens
X Axis
Y Axis
Deg
Typ
Max
Min
Typ
PL03F-WCW24Z
White
InGaN
0.31
0.30
30°
3.2
4.0
1950
5500
Chromaticity
Coordinates
Reverse
Current
Vr=5V (
µA)
Max
50
9-29-06 Rev 0 RS
24.0Min.
3.0
4.1
5.1
0.5±0.5
1.0
1.5typ.
2.54±0.1
Anode
0.5 Square
Tel:(800)688-0613
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101
All dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified. An epoxy meniscus may extend about 1mm down the leads.


Similar Part No. - PL03F-WCW24Z

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL03F-WCW24 P-TEC-PL03F-WCW24_14 Datasheet
1Mb / 6P
   3mm Round Thru-Hole LED
More results

Similar Description - PL03F-WCW24Z

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL03G-WCB20Z P-TEC-PL03G-WCB20Z Datasheet
29Kb / 1P
   3mm (T1) LED
PL07-CDY01 P-TEC-PL07-CDY01 Datasheet
29Kb / 1P
   3mm (T1) LED
PL01-CDG13 P-TEC-PL01-CDG13 Datasheet
29Kb / 1P
   3mm (T1) LED
PL01-CDY01 P-TEC-PL01-CDY01 Datasheet
29Kb / 1P
   3mm (T1) LED
PL03F-WCW13Z P-TEC-PL03F-WCW13Z Datasheet
29Kb / 1P
   3mm (T1) LED
PL07-CDR12 P-TEC-PL07-CDR12 Datasheet
29Kb / 1P
   3mm (T1) LED
PL07-CDR21 P-TEC-PL07-CDR21 Datasheet
29Kb / 1P
   3mm (T1) LED
PL07-CDY01 P-TEC-PL07-CDY01 Datasheet
29Kb / 1P
   3mm (T1) LED
PL07-CDR12 P-TEC-PL07-CDR12 Datasheet
29Kb / 1P
   3mm (T1) LED
PL07-CDR24 P-TEC-PL07-CDR24 Datasheet
29Kb / 1P
   3mm (T1) LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com