Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDT562B-CCDR28 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PDT562B-CCDR28
Description  Dual Digit 7 Segment 0.56??Display
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PDT562B-CCDR28 Datasheet(HTML) 1 Page - P-tec Corporation

  PDT562B-CCDR28 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Absolute Maximum Ratings at TA = 25°C
Power Dissipation per Segment…………………………………………………...... 65mW
Reverse Voltage (<100 µA)……………………………...……………………….….…. 5.0V
Max Forward Current……………………………………………….………..…...… 25mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)…………………………...... 100mA
Operating Temperature Range……………………...……………….......... –35°C to +85°C
Storage Temperature Range……………………..………….…………..… -35°C to +85°C
Soldering Temperature (1.6mm below body)…………………….…….… 260°C for 5 seconds
PDT562B Dual Digit 7 Segment 0.56” Display
Features
Electrical & Optical Characteristics at TA = 25°C
Part Number
Emitting
Color
Chip
Material
Peak
Wave
Length
Dominant
Wave
Length
Forward
Voltage
@20mA (V)
Luminous
Intensity
@10mA (mcd)
Common Anode
Common Cathode
nm
Typ
Max
Min
Typ
PDT562B-CADR28
PDT562B-CCDR28
Red
AlGaInP
650
639
2.0
2.6
7.0
16.0
nm
*Dual Digit .56” (14.2mm) Ultra Bright
Red Display
*Direct Drive with 18 Pins
*Low Current Requirements
*High Light Output
*IC Compatible
*High Reliability
*Gray Face, White Segments
*RoHS Compliant
All Dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified. The Slope Angle of any Pin maybe ± 5° max.
02-27-07 Rev 0 RS
Tel:(800)688-0613
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101
Function of Pin #
Common Anode
Pin
#
Common Cathode
Pin
#
1 Dig 1 Cathode E
2 Dig 1 Cathode D
3 Dig 1 Cathode C
4 Dig 1 Cathode DP
5 Dig 2 Cathode E
6 Dig 2 Cathode D
7 Dig 2 Cathode G
8 Dig 2 Cathode C
9 Dig 2 Cathode DP
10 Dig 2 Cathode B
11 Dig 2 Cathode A
12 Dig 2 Cathode F
13 Dig 2 Com Anode
14 Dig 1 Com Anode
15 Dig 1 Cathode B
16 Dig 1 Cathode A
17 Dig 1 Cathode G
18 Dig 1 Cathode F
1 Dig 1 Anode E
2 Dig 1 Anode D
3 Dig 1 Anode C
4 Dig 1 Anode DP
5 Dig 2 Anode E
6 Dig 2 Anode D
7 Dig 2 Anode G
8 Dig 2 Anode C
9 Dig 2 Anode DP
10 Dig 2 Anode B
11 Dig 2 Anode A
12 Dig 2 Anode F
13 Dig 2 Com Cath
14 Dig 1 Com Cath
15 Dig 1 Anode B
16 Dig 1 Anode A
17 Dig 1 Anode G
18 Dig 1 Anode F


Similar Part No. - PDT562B-CCDR28

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PDT562B-CCDR22 P-TEC-PDT562B-CCDR22 Datasheet
61Kb / 1P
   Dual Digit 7 Segment 0.56??Display
More results

Similar Description - PDT562B-CCDR28

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PD38-CADR24 P-TEC-PD38-CADR24 Datasheet
24Kb / 1P
   Dual Digit 7 Segment 0.56??Display
PD38-CADG13 P-TEC-PD38-CADG13 Datasheet
24Kb / 1P
   Dual Digit 7 Segment 0.56??Display
PDT562B-CADG25 P-TEC-PDT562B-CADG25 Datasheet
61Kb / 1P
   Dual Digit 7 Segment 0.56??Display
PD38-CADO12 P-TEC-PD38-CADO12 Datasheet
24Kb / 1P
   Dual Digit 7 Segment 0.56??Display
PDT562B-CADB04 P-TEC-PDT562B-CADB04 Datasheet
61Kb / 1P
   Dual Digit 7 Segment 0.56??Display
PDT562B-CADR22 P-TEC-PDT562B-CADR22 Datasheet
61Kb / 1P
   Dual Digit 7 Segment 0.56??Display
PD38-CADY01 P-TEC-PD38-CADY01 Datasheet
24Kb / 1P
   Dual Digit 7 Segment 0.56??Display
PDT562B-CADG19 P-TEC-PDT562B-CADG19 Datasheet
61Kb / 1P
   Dual Digit 7 Segment 0.56??Display
logo
LightKey Optoelectronic...
LD5624AB LIGHTKEY-LD5624AB Datasheet
167Kb / 3P
   0.56 inch Dual Digit 7 Segment LED Display
logo
P-tec Corporation
PD16-CADR21 P-TEC-PD16-CADR21 Datasheet
23Kb / 1P
   Single Digit 7 Segment 0.56??Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com