Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCX70GLT1 Datasheet(PDF) 5 Page - Motorola, Inc

Part # BCX70GLT1
Description  General Purpose Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BCX70GLT1 Datasheet(HTML) 5 Page - Motorola, Inc

  BCX70GLT1 Datasheet HTML 1Page - Motorola, Inc BCX70GLT1 Datasheet HTML 2Page - Motorola, Inc BCX70GLT1 Datasheet HTML 3Page - Motorola, Inc BCX70GLT1 Datasheet HTML 4Page - Motorola, Inc BCX70GLT1 Datasheet HTML 5Page - Motorola, Inc BCX70GLT1 Datasheet HTML 6Page - Motorola, Inc BCX70GLT1 Datasheet HTML 7Page - Motorola, Inc BCX70GLT1 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BCX70GLT1 BCX70JLT1 BCX70KLT1
5
Motorola Small–Signal Transistors, FETs and Diodes Device Data
TYPICAL DYNAMIC CHARACTERISTICS
Figure 13. Turn–On Time
IC, COLLECTOR CURRENT (mA)
300
Figure 14. Turn–Off Time
IC, COLLECTOR CURRENT (mA)
2.0
5.0
10
20
30
50
1000
Figure 15. Current–Gain — Bandwidth Product
IC, COLLECTOR CURRENT (mA)
Figure 16. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
Figure 17. Input Impedance
IC, COLLECTOR CURRENT (mA)
Figure 18. Output Admittance
IC, COLLECTOR CURRENT (mA)
3.0
1.0
500
0.5
10
3.0
5.0
7.0
10
20
30
50
70
100
200
7.0
70
100
VCC = 3.0 V
IC/IB = 10
TJ = 25°C
td @ VBE(off) = 0.5 Vdc
tr
10
20
30
50
70
100
200
300
500
700
2.0
5.0
10
20
30
50
3.0
1.0
7.0
70 100
VCC = 3.0 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
ts
tf
50
70
100
200
300
0.7 1.0
2.0
3.0
5.0 7.0
10
20
30
50
TJ = 25°C
f = 100 MHz
VCE = 20 V
5.0 V
1.0
2.0
3.0
5.0
7.0
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
0.05
TJ = 25°C
f = 1.0 MHz
Cib
Cob
2.0
5.0
10
20
50
1.0
0.2
100
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
10
20
0.1
0.2
0.5
hfe ≈ 200 @ IC = 1.0 mA
VCE = 10 Vdc
f = 1.0 kHz
TA = 25°C
2.0
5.0
10
20
50
1.0
2.0
100
3.0
5.0
7.0
10
20
30
50
70
100
200
0.1
0.2
0.5
VCE = 10 Vdc
f = 1.0 kHz
TA = 25°C
hfe ≈ 200 @ IC = 1.0 mA


Similar Part No. - BCX70GLT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
BCX70GLT1 ONSEMI-BCX70GLT1 Datasheet
255Kb / 9P
   General Purpose Transistors
August, 2006 ??Rev. 2
More results

Similar Description - BCX70GLT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com