Electronic Components Datasheet Search |
|
TPS1101YDW Datasheet(PDF) 3 Page - Texas Instruments |
|
TPS1101YDW Datasheet(HTML) 3 Page - Texas Instruments |
3 / 10 page TPS1101, TPS1101Y SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS SLVS079C – DECEMBER 1993 – REVISED AUGUST 1995 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature (unless otherwise noted)† UNIT Drain-to-source voltage, VDS – 15 V Gate-to-source voltage, VGS 2 or – 15 V ‡ D package TA = 25°C ±0.62 ‡ VGS =2 7 V D package TA = 125°C ±0.39 ‡ VGS = – 2.7 V PW package TA = 25°C ±0.61 ‡ PW package TA = 125°C ±0.38 ‡ D package TA = 25°C ±0.88 ‡ VGS =3 V D package TA = 125°C ±0.47 ‡ VGS = – 3 V PW package TA = 25°C ±0.86 Continuous drain current (TJ = 150°C) ID‡ PW package TA = 125°C ±0.45 A Continuous drain current (TJ = 150°C), ID‡ D package TA = 25°C ±1.52 A VGS =4 5 V D package TA = 125°C ±0.71 VGS = – 4.5 V PW package TA = 25°C ±1.44 PW package TA = 125°C ±0.67 D package TA = 25°C ±2.30 VGS =10 V D package TA = 125°C ±1.04 VGS = – 10 V PW package TA = 25°C ±2.18 PW package TA = 125°C ±0.98 Pulsed drain current, ID‡ TA = 25°C ±10 A Continuous source current (diode conduction), IS TA = 25°C – 1.1 A Storage temperature range, Tstg – 55 to 150 °C Operating junction temperature range, TJ – 40 to 150 °C Operating free-air temperature range, TA – 40 to 125 °C Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 260 °C † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. ‡ Maximum values are calculated using a derating factor based on RθJA = 158°C/W for the D package and RθJA = 176°C/W for the PW package. These devices are mounted on an FR4 board with no special thermal considerations. DISSIPATION RATING TABLE PACKAGE TA ≤ 25°C POWER RATING DERATING FACTOR‡ ABOVE TA = 25°C TA = 70°C POWER RATING TA = 85°C POWER RATING TA = 125°C POWER RATING D 791 mW 6.33 mW/ °C 506 mW 411 mW 158 mW PW 710 mW 5.68 mW/ °C 454 mW 369 mW 142 mW ‡ Maximum values are calculated using a derating factor based on RθJA = 158°C/W for the D package and RθJA = 176°C/W for the PW package. These devices are mounted on an FR4 board with no special thermal considerations. |
Similar Part No. - TPS1101YDW |
|
Similar Description - TPS1101YDW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |