Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC1602F-O Datasheet(PDF) 1 Page - P-tec Corporation

Part # PC1602F-O
Description  Character Display
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PC1602F-O Datasheet(HTML) 1 Page - P-tec Corporation

  PC1602F-O Datasheet HTML 1Page - P-tec Corporation PC1602F-O Datasheet HTML 2Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Absolute Maximum Ratings at TA = 25°C
Item
Symbol
Min
Max
Unit
Power Supply (Logic)
Vdd
-0.3
7.0
V
Power Supply (LCD)
Vlcd (Vdd-Vo)
-13.5
0.3
V
Input Voltage
Vi
-0.3
Vdd+0.3
V
Operating Temperature (Standard)
Topr
0
50
°C
Storage Temperature (Standard)
Tstg
-10
60
°C
Extended Operating Temperature
Topr
-20
70
°C
Extended Storage Temperature
Tstg
-30
80
°C
PC1602F-O Series (16x2) Character Display
Electrical Characteristics at TA = 25°C, Vdd=5V+0.25V
Item
Symbol
Min
Typ
Max
Unit
Power Supply (Logic)
Vdd-Vss
4.5
5.0
5.5
V
Supply Current
Idd
1.0
1.3
2.2
mA
LCD Driving Voltage
Vdd -Vo
4.0
4.6
5.0
V
LCD Driving Current
llcd
-
0.2
0.4
mA
All dimensions are in mm. Tolerance is ± 0.3 Unless otherwise specified
Features
*16 Character, 2 Line
*View Angle 12H or 6H
*STN Fluid Yellow, Gray or Blue
*Extended Temperature Range
available
*LED Backlight available
*RoHS Compliant
Interface Pin Connection
No
Symbol
Function
No
Symbol
Function
1
Vss
Power Supply (GND)
9
DB2
Data Bus Line 2
2
Vdd
Power Supply (+5V)
10
DB3
Data Bus Line 3
3
Vo
Contrast Adjust
11
DB4
Data Bus Line 4
4
RS
Instruction/Register Select
12
DB5
Data Bus Line 5
5
R/W
Read/Write
13
DB6
Data Bus Line 6
6
E
Enable Signal
14
DB7
Data Bus Line 7
7
DB0
Data Bus Line 0
15
A
Power Supply for LED Backlight (+)
8
DB1
Data Bus Line 1
16
K
Power Supply for LED Backlight (-)
Mechanical Specifications
Item
Overall Size
Viewing Area
Character Size
Character Pitch
Dot Size
Specifications 100.0W x 95.0H x 10.0T (BL14.0T)
80.2W x 20.4H
4.07W x 7.76H
4.82 x 8.26
0.75W x 0.90H
LED Backlight Specifications
Forward Voltage
Forward Current
Power Dissipation
4.3V (Max)
140mA (Max)
574mW (Max)
570nm (Typ)
Peak Wavelength
Tel:(800)688-0613
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101
08.10.07
Rev0


Similar Part No. - PC1602F-O

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PC1602F POWERTIP-PC1602F Datasheet
55Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
More results

Similar Description - PC1602F-O

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PC0801C-O P-TEC-PC0801C-O Datasheet
40Kb / 2P
   Character Display
PC1602H1-O P-TEC-PC1602H1-O Datasheet
52Kb / 2P
   Character Display
PC2002B-O P-TEC-PC2002B-O Datasheet
55Kb / 2P
   Character Display
PC1602C-O P-TEC-PC1602C-O Datasheet
47Kb / 1P
   Character Display
PC1602P-O P-TEC-PC1602P-O Datasheet
36Kb / 2P
   Character Display
PC0801B-O P-TEC-PC0801B-O Datasheet
35Kb / 2P
   Character Display
PC0802B-O P-TEC-PC0802B-O Datasheet
46Kb / 2P
   Character Display
PC2002D-O P-TEC-PC2002D-O Datasheet
54Kb / 2P
   Character Display
PC2004D-O P-TEC-PC2004D-O Datasheet
36Kb / 2P
   Character Display
PC4002C-O P-TEC-PC4002C-O Datasheet
46Kb / 2P
   Character Display
PC1602K-O P-TEC-PC1602K-O Datasheet
52Kb / 2P
   Character Display
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com