Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPIC6A595 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. TPIC6A595
Description  POWER LOGIC 8-BIT SHIFT REGISTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC6A595 Datasheet(HTML) 5 Page - Texas Instruments

  TPIC6A595 Datasheet HTML 1Page - Texas Instruments TPIC6A595 Datasheet HTML 2Page - Texas Instruments TPIC6A595 Datasheet HTML 3Page - Texas Instruments TPIC6A595 Datasheet HTML 4Page - Texas Instruments TPIC6A595 Datasheet HTML 5Page - Texas Instruments TPIC6A595 Datasheet HTML 6Page - Texas Instruments TPIC6A595 Datasheet HTML 7Page - Texas Instruments TPIC6A595 Datasheet HTML 8Page - Texas Instruments TPIC6A595 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TPIC6A595
POWER LOGIC 8-BIT SHIFT REGISTER
SLIS005A – APRIL 1993 – REVISED JANUARY 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
Logic supply voltage, VCC
4.5
5.5
V
High-level input voltage, VIH
0.85 VCC
VCC
V
Low-level input voltage, VIL
0
0.15 VCC
V
Pulsed drain output current, TC = 25°C, VCC = 5 V (see Notes 3 and 5)
– 1.8
0.6
A
Setup time, SER IN high before SRCK
↑, tsu (see Figure 2)
10
ns
Hold time, SER IN high after SRCK
↑, th (see Figure 2)
10
ns
Pulse duration, tw (see Figure 2)
20
ns
Operating case temperature, TC
–40
125
°C
electrical characteristics, VCC = 5 V, TC = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSX
Drain-to-source breakdown
voltage
ID = 1 mA
50
V
VSD
Source-to-drain diode
forward voltage
IF = 350 mA,
See Note 3
0.8
1.1
V
VOH
High-level output voltage,
IOH = – 20 µA
VCC – 0.1
VCC
V
VOH
gg ,
SER OUT
IOH = – 4 mA
VCC – 0.5 VCC – 0.2
V
VOL
Low-level output voltage,
IOL = 20 µA
0
0.1
V
VOL
g,
SER OUT
IOL = 4 mA
0.2
0.5
V
IIH
High-level input current
VI = VCC
1
µA
IIL
Low-level input current
VI = 0
–1
µA
IO(chop)
Output current at which
chopping starts
TC = 25°C,
See Note 5 and Figures 3 and 4
0.6
0.8
1.1
A
ICC
Logic supply current
IO = 0,
VI = VCC or 0
0.5
5
mA
ICC(FRQ)
Logic supply current at
frequency
fSRCK = 5 MHz,
IO = 0,
CL = 30 pF,
VI = VCC or 0,
VCC = 5 V, See Figure 7
1.3
mA
I(nom)
Nominal current
VDS(on) = 0.5 V,
I(nom) = ID,TC = 85°C,
VCC = 5 V,
See Notes 5, 6, and 7
350
mA
ID
Drain current off state
VDS = 40 V,
TC = 25°C
0.1
1
µA
ID
Drain current, off-state
VDS = 40 V,
TC = 125°C
0.2
5
µA
Static drain source on state
ID = 350 mA,
TC = 25°C
See Notes 5 and 6
1
1.5
rDS(on)
Static drain-source on-state
resistance
ID = 350 mA,
TC = 125°C
See Notes 5 and 6
and Figures 10 and 11
1.7
2.5
(
resistance
ID = 350 mA,
TC = 40°C
and Figures 10 and 11
NOTES:
3. Pulse duration
≤ 100 µs and duty cycle ≤ 2%.
5. Technique should limit TJ – TC to 10°C maximum.
6. These parameters are measured with voltage-sensing contacts separate from the current-carrying contacts.
7. Nominal current is defined for a consistent comparison between devices from different sources. It is the current that produces a
voltage drop of 0.5 V at TC = 85°C.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
TPIC6596 POWER LOGIC 8-BIT SHIFT REGISTER 1  2  3  4  5  More Texas Instruments
TPIC6A596 POWER LOGIC 8-BIT SHIFT REGISTER 1  2  3  4  5  More Texas Instruments
TPIC6B595 POWER LOGIC 8-BIT SHIFT REGISTER 1  2  3  4  5  More Texas Instruments
TPIC6B596 POWER LOGIC 8-BIT SHIFT REGISTER 1  2  3  4  5  More Texas Instruments
TPIC6C595 POWER LOGIC 8-BIT SHIFT REGISTER 1  2  3  4  5  More Texas Instruments
TPIC6C596 POWER LOGIC 8-BIT SHIFT REGISTER 1  2  3  4  5  More Texas Instruments
STPIC6C595 POWER LOGIC 8-BIT SHIFT REGISTER 1  2  3  4  5  More STMicroelectronics
TPIC6595 POWER LOGIC 8-BIT SHIFT REGISTER 1  2  3  4  5  More Texas Instruments
100341 Low Power 8-Bit Shift Register 1  2  3  4  5  More Fairchild Semiconductor
100341 Low Power 8-Bit Shift Register 1  2  3  4  5  More National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn