Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC46L02DB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC46L02DB
Description  6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC46L02DB Datasheet(HTML) 5 Page - Texas Instruments

  TPIC46L02DB Datasheet HTML 1Page - Texas Instruments TPIC46L02DB Datasheet HTML 2Page - Texas Instruments TPIC46L02DB Datasheet HTML 3Page - Texas Instruments TPIC46L02DB Datasheet HTML 4Page - Texas Instruments TPIC46L02DB Datasheet HTML 5Page - Texas Instruments TPIC46L02DB Datasheet HTML 6Page - Texas Instruments TPIC46L02DB Datasheet HTML 7Page - Texas Instruments TPIC46L02DB Datasheet HTML 8Page - Texas Instruments TPIC46L02DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TPIC46L01, TPIC46L02, TPIC46L03
6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
SLIS055A – NOVEMBER 1996 - REVISED SEPTEMBER 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC (see Note 1)
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Battery supply voltage range, VBAT
– 0.3 V to 60 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range,VI (at any input)
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (SDO and FLT)
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Drain-to-source input voltage, VDS
– 0.3 V to 60 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage, VO
– 0.3 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range, TC
–40
°C to + 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal resistance, junction to ambient, RθJA
112
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–40
°C to + 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to GND.
recommended operating conditions
MIN
NOM
MAX
UNIT
Logic supply voltage, VCC
4.5
5.0
5.5
V
Battery supply voltage, VBAT
8
24
V
High-level input voltage, VIH
0.85 VCC
VCC
V
Low-level input voltage, VIL
0
0.15 VCC
V
Setup time, SDI high before SCLK rising edge, tsu (see Figure 5)
10
ns
Hold time, SDI high after SCLK rising edge, th (see Figure 5)
10
ns
Case temperature, TC
–40
125
°C


Similar Part No. - TPIC46L02DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC46L02DB TI1-TPIC46L02DB Datasheet
804Kb / 23P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC46L02DBG4 TI1-TPIC46L02DBG4 Datasheet
804Kb / 23P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC46L02DBR TI1-TPIC46L02DBR Datasheet
804Kb / 23P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC46L02DBRG4 TI1-TPIC46L02DBRG4 Datasheet
804Kb / 23P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
More results

Similar Description - TPIC46L02DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC46L02DBRG4 TI1-TPIC46L02DBRG4 Datasheet
804Kb / 23P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
logo
STMicroelectronics
STPIC44L02 STMICROELECTRONICS-STPIC44L02 Datasheet
438Kb / 21P
   4 CHANNEL SERIAL AND PARALLEL LOW SIDE PRE-FET DRIVER
July 2003
logo
Texas Instruments
TPIC44L01 TI-TPIC44L01 Datasheet
268Kb / 20P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC44L01DBRG4 TI-TPIC44L01DBRG4 Datasheet
815Kb / 24P
[Old version datasheet]   4-CHAMMEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC44H01 TI1-TPIC44H01_15 Datasheet
982Kb / 32P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
TPIC44H01 TI-TPIC44H01 Datasheet
402Kb / 28P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
logo
Allegro MicroSystems
A3944 ALLEGRO-A3944 Datasheet
601Kb / 31P
   Automotive, Low-Side FET Pre-Driver
A3944KLPTR-T ALLEGRO-A3944KLPTR-T Datasheet
598Kb / 31P
   Automotive, Low-Side FET Pre-Driver
logo
Texas Instruments
TPIC2603 TI-TPIC2603 Datasheet
243Kb / 17P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
TPIC2603DWG4 TI-TPIC2603DWG4 Datasheet
577Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com