Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P2184AF-08-TR Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # P2184AF-08-TR
Description  Peak Reducing EMI Solution
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P2184AF-08-TR Datasheet(HTML) 1 Page - PulseCore Semiconductor

  P2184AF-08-TR Datasheet HTML 1Page - PulseCore Semiconductor P2184AF-08-TR Datasheet HTML 2Page - PulseCore Semiconductor P2184AF-08-TR Datasheet HTML 3Page - PulseCore Semiconductor P2184AF-08-TR Datasheet HTML 4Page - PulseCore Semiconductor P2184AF-08-TR Datasheet HTML 5Page - PulseCore Semiconductor P2184AF-08-TR Datasheet HTML 6Page - PulseCore Semiconductor P2184AF-08-TR Datasheet HTML 7Page - PulseCore Semiconductor P2184AF-08-TR Datasheet HTML 8Page - PulseCore Semiconductor P2184AF-08-TR Datasheet HTML 9Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
November 2006
P2180 / 81 / 82 / 83 / 84
rev 1.1
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200, Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
Peak Reducing EMI Solution
Features
FCC approved method of EMI attenuation.
Provides up to 15dB EMI reduction.
Generates a 1X low EMI spread spectrum clock
from the input frequency.
Optimized for frequency range:
P2180 / 84: 20MHz to 40MHz
P2181: 60MHz to 160MHz
P2182 / 83: 10MHz to 20MHz
Internal
loop
filter
minimizes
external
components and board space.
Selectable spread options: Down Spread and
Center Spread.
Low inherent cycle-to-cycle jitter.
Eight spread % selections:
± 0.625% to -3.5%.
3.3V operating voltage.
CMOS/TTL compatible inputs and outputs.
Low-power CMOS design.
Supports notebook VGA and other LCD timing
controller applications.
Drop-in replacement to Cypress W180/1.
Products are available for industrial temperature
range.
Available in 8-pin SOIC and TSSOP packages.
Product Description
The P2180/81X is a versatile spread spectrum
frequency modulator designed specifically for a
wide range of clock frequencies from 20MHz to
40MHz and 60MHz to 160MHz (Refer Input
Frequency and Modulation Rate Table.) The
P2180/81X can generate an EMI reduced clock
form an OSC or a system generated clock. The
P2180/81A
to
P2180/81D
offer
various
combinations of spread options and percentage
deviations. (Refer Spread Deviation Selections
Table.) These combinations include Down and
Center Spread and percentage deviation range
from ± 0.625% to –3.50%.
The
P2180/81X
reduces
electromagnetic
interference (EMI) at the clock source, allowing
system wide reduction of EMI of down stream clock
and data dependent signals. The P2180/81X allows
significant system cost savings by reducing the
number of circuit board layers and shielding that
are traditionally required to pass EMI regulations.
The P2180/81X modulates the output of a single
PLL in order to “spread” the bandwidth of a
synthesized clock, thereby decreasing the peak
amplitudes of its harmonics. This results in
significantly lower system EMI compared to the
typical narrow band signal produced by oscillators
and most clock generators. Lowering EMI by
increasing a signal’s bandwidth is called spread
spectrum clock generation.
The P2180/81X uses the most efficient and
optimized modulation profile approved by the FCC
and is implemented by using a proprietary all-digital
method.
Applications
The
P2180/81X
is
targeted
towards
EMI
management for memory and LVDS interfaces in
mobile graphic chipsets and high-speed digital
applications such as PC peripheral devices,
consumer electronics, and embedded controller
systems.


Similar Part No. - P2184AF-08-TR

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
P218 ATM-P218 Datasheet
122Kb / 1P
   2WAY - 4WAY - 8WAY POWER DIVIDERS & COMBINERS
logo
ON Semiconductor
P2180 ONSEMI-P2180 Datasheet
297Kb / 6P
   Peak Reducing EMI Solution
NOVEMBER 2010 ??Rev. 2.1
P2180AF-08SR ONSEMI-P2180AF-08SR Datasheet
297Kb / 6P
   Peak Reducing EMI Solution
NOVEMBER 2010 ??Rev. 2.1
More results

Similar Description - P2184AF-08-TR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2853A ALSC-ASM3P2853A Datasheet
2Mb / 8P
   Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2760 ONSEMI-ASM3P2760_15 Datasheet
97Kb / 7P
   Peak EMI Reducing Solution
July, 2015 ??Rev. 3
ASM3P2853 ONSEMI-ASM3P2853_12 Datasheet
142Kb / 7P
   Peak EMI Reducing Solution
FEBRUARY 2012 ??Rev. 3
ASM3P2108A ONSEMI-ASM3P2108A Datasheet
129Kb / 5P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2180A ONSEMI-ASM3P2180A Datasheet
132Kb / 6P
   Peak Reducing EMI Solution
JANUARY 2010 ??Rev. 2
ASM3P2474A ONSEMI-ASM3P2474A Datasheet
134Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
Alliance Semiconductor ...
ASM3P2111A ALSC-ASM3P2111A Datasheet
207Kb / 8P
   Peak EMI Reducing Solution
logo
Cypress Semiconductor
W181-01GT CYPRESS-W181-01GT Datasheet
190Kb / 9P
   Peak-Reducing EMI Solution
logo
ON Semiconductor
ASM3P2107A ONSEMI-ASM3P2107A Datasheet
136Kb / 6P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
logo
Alliance Semiconductor ...
ASM3P2190A ALSC-ASM3P2190A Datasheet
117Kb / 7P
   Peak Reducing EMI Solution
logo
ON Semiconductor
ASM3P2590A ONSEMI-ASM3P2590A Datasheet
132Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com