Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC46L02 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC46L02
Description  6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC46L02 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPIC46L02 Datasheet HTML 3Page - Texas Instruments TPIC46L02 Datasheet HTML 4Page - Texas Instruments TPIC46L02 Datasheet HTML 5Page - Texas Instruments TPIC46L02 Datasheet HTML 6Page - Texas Instruments TPIC46L02 Datasheet HTML 7Page - Texas Instruments TPIC46L02 Datasheet HTML 8Page - Texas Instruments TPIC46L02 Datasheet HTML 9Page - Texas Instruments TPIC46L02 Datasheet HTML 10Page - Texas Instruments TPIC46L02 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
TPIC46L01, TPIC46L02, TPIC46L03
6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
SLIS055A – NOVEMBER 1996 - REVISED SEPTEMBER 1997
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics, VCC = 5 V, VBAT = 12 V, TC = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t(STBFM)
Mask time, short-to-battery/shorted-load/open-
load fault
See Figures 14 and 15
60
µs
t(STBDG)
Deglitch time, short-to-battery/shorted-load
See Figure 14
8
µs
tPLH
Propagation turn-on delay time, CS or IN0-IN5
to GATE0-GATE5
C(gate) = 400 pF,
See Figure 1
4
µs
tPHL
Propagation turn-off delay time, CS or IN0-IN5
to GATE0-GATE5
C(gate) = 400 pF,
See Figure 2
3.5
µs
tr1
Rise time, GATE0–GATE5
C(gate) = 400 pF,
See Figure 3
3.5
µs
tf1
Fall time, GATE0–GATE5
C(gate) = 400 pF,
See Figure 4
3
µs
f(SCLK)
Serial clock frequency
10
MHz
trf(SB)
Refresh time, short-to-battery
TPIC46L02 only,
See Figure 14
10
ms
tw
Short-to-battery refresh pulse width
TPIC46L02 only,
See Figure 14
68
µs
td1
Setup time, CS
↓ to ↑SCLK
See Figure 5
10
ns
tpd1
Propagation delay time, CS
↓ to SDI valid
RL = 10 kΩ,
See Figure 6
CL = 200 pF,
40
ns
tpd2
Propagation delay time, SCLK
↓ to SDI valid
See Figure 6
20
ns
tpd3
Propagation delay time, CS
↑ to SDO 3-state
RL = 10 kΩ,
See Figure 7
CL = 50 pF,
2
µs
tr2
Rise time, SDO 3-state to SDO valid
RL = 10 kΩ to GND,
CL = 200 pF,
Over-battery fault,
See Figure 8
30
ns
tf2
Fall time, SDO 3-state to SDO valid
RL = 10 kΩ to VCC,
CL = 200 pF,
No faults,
See Figure 9
20
ns
tr3
Rise time, FLT
RL = 10 kΩ,
See Figure 10
CL = 50 pF,
1.2
µs
tf3
Fall time, FLT
RL = 10 kΩ,
See Figure 11
CL = 50 pF,
15
ns
Figure 1
tPLH
50%
90%
CS or IN0 –IN 5
GATE0 – GATE5
Figure 2
tPHL
50%
50%
10%
CS
GATE0–GATE5
IN0 – IN5
Figure 3
90%
10%
tr1
GATE0–GATE5
Figure 4
GATE0–GATE5
tf1
90%
10%


Similar Part No. - TPIC46L02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC46L02DB TI1-TPIC46L02DB Datasheet
804Kb / 23P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC46L02DBG4 TI1-TPIC46L02DBG4 Datasheet
804Kb / 23P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC46L02DBR TI1-TPIC46L02DBR Datasheet
804Kb / 23P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC46L02DBRG4 TI1-TPIC46L02DBRG4 Datasheet
804Kb / 23P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
More results

Similar Description - TPIC46L02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC46L02DBRG4 TI1-TPIC46L02DBRG4 Datasheet
804Kb / 23P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
logo
STMicroelectronics
STPIC44L02 STMICROELECTRONICS-STPIC44L02 Datasheet
438Kb / 21P
   4 CHANNEL SERIAL AND PARALLEL LOW SIDE PRE-FET DRIVER
July 2003
logo
Texas Instruments
TPIC44L01 TI-TPIC44L01 Datasheet
268Kb / 20P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC44L01DBRG4 TI-TPIC44L01DBRG4 Datasheet
815Kb / 24P
[Old version datasheet]   4-CHAMMEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC44H01 TI1-TPIC44H01_15 Datasheet
982Kb / 32P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
TPIC44H01 TI-TPIC44H01 Datasheet
402Kb / 28P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
logo
Allegro MicroSystems
A3944 ALLEGRO-A3944 Datasheet
601Kb / 31P
   Automotive, Low-Side FET Pre-Driver
A3944KLPTR-T ALLEGRO-A3944KLPTR-T Datasheet
598Kb / 31P
   Automotive, Low-Side FET Pre-Driver
logo
Texas Instruments
TPIC2603 TI-TPIC2603 Datasheet
243Kb / 17P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
TPIC2603DWG4 TI-TPIC2603DWG4 Datasheet
577Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com