Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P2180BF-08-TT Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # P2180BF-08-TT
Description  Peak Reducing EMI Solution
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P2180BF-08-TT Datasheet(HTML) 3 Page - PulseCore Semiconductor

  P2180BF-08-TT Datasheet HTML 1Page - PulseCore Semiconductor P2180BF-08-TT Datasheet HTML 2Page - PulseCore Semiconductor P2180BF-08-TT Datasheet HTML 3Page - PulseCore Semiconductor P2180BF-08-TT Datasheet HTML 4Page - PulseCore Semiconductor P2180BF-08-TT Datasheet HTML 5Page - PulseCore Semiconductor P2180BF-08-TT Datasheet HTML 6Page - PulseCore Semiconductor P2180BF-08-TT Datasheet HTML 7Page - PulseCore Semiconductor P2180BF-08-TT Datasheet HTML 8Page - PulseCore Semiconductor P2180BF-08-TT Datasheet HTML 9Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Low EMI Clock for Mobile VGA
3 of 9
November 2006
P2180 / 81 / 82 / 83 / 84
rev 1.1
Notice: The information in this document is subject to change without notice.
Input Frequency and Modulation Rate
Part Number
Input Frequency Range (MHz)
Output Frequency Range (MHz)
Modulation Rate
P2180/P2184
20 to 40
20 to 40
Input frequency / 768
P2181
60 to 160
60 to 160
Input frequency / 2048
P2182/P2183
10 to 20
10 to 20
TBD
Spread Deviation Selections
Part Number
SRS
Spread Deviation
0
-1.25% (Down)
P2180/1/2/3/4 A
1
-1.75% (Down)
0
± 1.25% (Center)
P2180/1/2/3/4 B
1
± 1.75% (Center)
0
-2.50% (Down)
P2180/1/2/3/4 C
1
-3.50 (Down)
0
± 0.625%(Center)
P2180/1/2/3/4 D
1
± 0.875% (Center)
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
-0.5 to +4.6
V
TSTG
Storage temperature
-65 to +125
°C
TA
Operating temperature
0 to +70
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage (As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.


Similar Part No. - P2180BF-08-TT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P2180 ONSEMI-P2180 Datasheet
297Kb / 6P
   Peak Reducing EMI Solution
NOVEMBER 2010 ??Rev. 2.1
P2180AF-08SR ONSEMI-P2180AF-08SR Datasheet
297Kb / 6P
   Peak Reducing EMI Solution
NOVEMBER 2010 ??Rev. 2.1
More results

Similar Description - P2180BF-08-TT

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2853A ALSC-ASM3P2853A Datasheet
2Mb / 8P
   Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2760 ONSEMI-ASM3P2760_15 Datasheet
97Kb / 7P
   Peak EMI Reducing Solution
July, 2015 ??Rev. 3
ASM3P2853 ONSEMI-ASM3P2853_12 Datasheet
142Kb / 7P
   Peak EMI Reducing Solution
FEBRUARY 2012 ??Rev. 3
ASM3P2108A ONSEMI-ASM3P2108A Datasheet
129Kb / 5P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2180A ONSEMI-ASM3P2180A Datasheet
132Kb / 6P
   Peak Reducing EMI Solution
JANUARY 2010 ??Rev. 2
ASM3P2474A ONSEMI-ASM3P2474A Datasheet
134Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
Alliance Semiconductor ...
ASM3P2111A ALSC-ASM3P2111A Datasheet
207Kb / 8P
   Peak EMI Reducing Solution
logo
Cypress Semiconductor
W181-01GT CYPRESS-W181-01GT Datasheet
190Kb / 9P
   Peak-Reducing EMI Solution
logo
ON Semiconductor
ASM3P2107A ONSEMI-ASM3P2107A Datasheet
136Kb / 6P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
logo
Alliance Semiconductor ...
ASM3P2190A ALSC-ASM3P2190A Datasheet
117Kb / 7P
   Peak Reducing EMI Solution
logo
ON Semiconductor
ASM3P2590A ONSEMI-ASM3P2590A Datasheet
132Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com