Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB65-BGA10Y01 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PB65-BGA10Y01
Description  Segment Rectangular Bar Graph Array
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PB65-BGA10Y01 Datasheet(HTML) 1 Page - P-tec Corporation

  PB65-BGA10Y01 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.54x9=22.86
1.78
+1
10+
11+
+20
10.16
8.0
25.27
AB
C
D
EF
G
2.54x9=22.86
3.5Min.
7.62
0.25
0.5
H
I
J
5.08
PB65 10 Segment Rectangular Bar Graph Array
Electrical & Optical Characteristics at TA = 25°C
Part Number
Emitting
Color
Chip
Material
Dominant
Wave Length
Peak
Wave Length
Forward Voltage
@20mA (V)
Luminous Intensity
@20mA (mcd)
nm
nm
Typ
Max
Min
Typ
PB65-BGA10Y01
Yellow
590
585
2.1
2.6
5.0
10.0
GaAsP
Package Dimension are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified.
Absolute Maximum Ratings at TA = 25°C
Power Dissipation………………………………………………………………….…. 78mW
Reverse Voltage (<100
µA)……………………………………...……………………… 5.0V
Max Forward Current ............................................................…...………...………….. 30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)......…...…………………..….. 100mA
Operating Temperature Range... ....................................…….……...……… -25°C to +85°C
Storage Temperature Range……………………………………………….. -40°C to +100°C
Soldering Temperature...............................…......…………………..…. 260°C for 5 seconds
*Popular Industry Standard Bar Graph
Array with 10 Segments
*10 GaAsP Yellow LED Chips used
*Gray Face, White Segments
*High Light Output
*IC Compatible
*RoHS Compliant
Features
Anode
3-08-07 REV 0 RS
Tel:(800)688-0613
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101
Pin Functions
1 Anode A
2 Anode B
3 Anode C
4 Anode D
5 Anode E
6 Anode F
7 Anode G
8 Anode H
9 Anode I
10 Anode J
11 Cathode J
12 Cathode I
13 Cathode H
14 Cathode G
15 Cathode F
16 Cathode E
17 Cathode D
18 Cathode C
19 Cathode B
20 Cathode A
Pin #


Similar Part No. - PB65-BGA10Y01

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PB65-BGA10G13 P-TEC-PB65-BGA10G13 Datasheet
30Kb / 1P
   LED Rectangular Bar Graph Array
PB65-BGA10O12 P-TEC-PB65-BGA10O12 Datasheet
30Kb / 1P
   Segment Rectangular Bar Graph Array
PB65-BGA10R12 P-TEC-PB65-BGA10R12 Datasheet
31Kb / 1P
   PB65 10 Segment Rectangular Bar Graph Array
PB65-BGA10R18 P-TEC-PB65-BGA10R18 Datasheet
27Kb / 1P
   Segment Rectangular Bar Graph Array
PB65-BGA10R21 P-TEC-PB65-BGA10R21 Datasheet
31Kb / 1P
   PB65 10 Segment Rectangular Bar Graph Array
More results

Similar Description - PB65-BGA10Y01

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PB66-BGA5G13 P-TEC-PB66-BGA5G13 Datasheet
30Kb / 1P
   Segment Rectangular Bar Graph Array
PB66-BGA5O12 P-TEC-PB66-BGA5O12 Datasheet
30Kb / 1P
   Segment Rectangular Bar Graph Array
PB66-BGA5R21 P-TEC-PB66-BGA5R21 Datasheet
30Kb / 1P
   Segment Rectangular Bar Graph Array
PB65-BGA10O12 P-TEC-PB65-BGA10O12 Datasheet
30Kb / 1P
   Segment Rectangular Bar Graph Array
PB65-BGA10R18 P-TEC-PB65-BGA10R18 Datasheet
27Kb / 1P
   Segment Rectangular Bar Graph Array
PB66-BGA5Y01 P-TEC-PB66-BGA5Y01 Datasheet
30Kb / 1P
   Segment Rectangular Bar Graph Array
PB65-BGA10R12 P-TEC-PB65-BGA10R12 Datasheet
31Kb / 1P
   PB65 10 Segment Rectangular Bar Graph Array
PB65-BGA10R21 P-TEC-PB65-BGA10R21 Datasheet
31Kb / 1P
   PB65 10 Segment Rectangular Bar Graph Array
PB66-BGA5R12 P-TEC-PB66-BGA5R12 Datasheet
31Kb / 1P
   PB66 5 Segment Rectangular Bar Graph Array
logo
LUMEX INC.
SSA-LXB10GW-GF-LP LUMEX-SSA-LXB10GW-GF-LP Datasheet
85Kb / 1P
   10 Segment Rectangular Bar Graph
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com